Electronic Components Datasheet Search
  English  ▼

X  

AD9648 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9648
Description  Analog-to-Digital Converter
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9648 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9648 Datasheet HTML 5Page - Analog Devices AD9648 Datasheet HTML 6Page - Analog Devices AD9648 Datasheet HTML 7Page - Analog Devices AD9648 Datasheet HTML 8Page - Analog Devices AD9648 Datasheet HTML 9Page - Analog Devices AD9648 Datasheet HTML 10Page - Analog Devices AD9648 Datasheet HTML 11Page - Analog Devices AD9648 Datasheet HTML 12Page - Analog Devices AD9648 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
AD9648
Data Sheet
Rev. C | Page 8 of 41
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless
otherwise noted.
Table 4.
AD9648-105
AD9648-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
CLOCK INPUT PARAMETERS
Input Clock Rate
Full
1000
1000
MHz
Conversion Rate1
DCS Enabled
Full
20
105
20
125
MSPS
DCS Disabled
Full
10
105
10
125
MSPS
CLK Period—Divide-by-1 Mode (tCLK)
Full
9.52
8
ns
CLK Pulse Width High (tCH)
Full
4.76
4
ns
Aperture Delay (tA)
Full
1.0
1.0
ns
Aperture Uncertainty (Jitter, tJ)
Full
0.137
0.137
ps rms
DATA OUTPUT PARAMETERS
CMOS Mode (DRVDD = 1.8 V)
Data Propagation Delay (tPD)
Full
1.8
2.9
4.4
1.8
2.9
4.4
ns
DCO Propagation Delay (tDCO)2
Full
2.0
3.1
4.4
2.0
3.1
4.4
ns
DCO to Data Skew (tSKEW)
Full
−1.2
−0.1
+1.0
−1.2
−0.1
+1.0
ns
LVDS Mode (DRVDD = 1.8 V)
Data Propagation Delay (tPD)
Full
2.4
2.4
ns
DCO Propagation Delay (tDCO)2
Full
2.4
2.4
ns
DCO to Data Skew (tSKEW)
Full
−0.20
+0.03
+0.25
−0.20
+0.03
+0.25
ns
CMOS Mode Pipeline Delay (Latency)
Full
16
16
Cycles
LVDS Mode Pipeline Delay (Latency) Channel A/Channel B
Full
16/16.5
16/16.5
Cycles
Wake-Up Time (Power Down)3
Full
350
350
µs
Wake-Up Time (Standby)
Full
250
250
ns
Out-of-Range Recovery Time
Full
2
2
Cycles
1
Conversion rate is the clock rate after the divider.
2
Additional DCO delay can be added by writing to Bits[2:0] in SPI Register 0x17 (see Table 18).
3
Wake-up time is defined as the time required to return to normal operation from power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com