Electronic Components Datasheet Search
  English  ▼

X  

AX93265 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93265
Description  Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB2.0, 1 x Audio (MIC-IN/Line-out)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93265 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93265 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
7
218
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
I/O board for Pico-ITX board
AX93265
Attached as Accessory
Ordered by Optional
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB2.0, 1 x Audio (MIC-IN/Line-out),
1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 29 mm
Compliant Product: PICO830, PICO831
AX93267
Specification: 1 x DC Jack, 1 x VGA, 1 x Gigabit LAN
Dimension: 100 x 26 mm
Compliant Product: PICO831, PICO841, PICO843
AX93275
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB3.0, 1 x VGA,
1 x Audio (MIC-IN/Line-out), 1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 40 mm
Compliant Product: PICO880, PICO500, PICO300
AX93292
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB2.0, 1 x Audio (MIC-IN/Line-out),
1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 29 mm
Compliant Product: PICO880, PICO500, PICO300
Red LED: HDD
Green LED: power-on
Reset
Power-on Audio
COM
USB x 4
Power-on
Reset
COM 1 USB 3.0 Ethernet
USB 3.0
COM 2 HDMI
Red LED: HDD
Green LED: power-on
Audio
Power-on
Reset
COM 1
VGA
USB 3.0
Red LED: HDD
Green LED: power-on
DC Jack
VGA
Ethernet
Audio
Power on/off,
reset, LED
USB 2.0 x 4
COM 1/2
AX93283
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB2.0, 1 x Audio (MIC-IN/Line-out),
1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 29 mm
Compliant Product: PICO840, PICO841, PICO843
Power-on
Reset
Audio
COM
USB 2.0 x4
Red LED: HDD
Green LEF: power-on
Ordering Information
Ordering Information
AX93275
P/N: E393275100
AX93292
P/N: E393292100
Cable for COM
P/N: 594H8302100E
Cable for Audio+USB+LED P/N: 59340000200E
AX93276
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB3.0, 1 x HDMI, 1 x Gigabit LAN,
1 x power-on, 1 x Reset, 2 x LED
Dimension: 118 x 40 mm
Compliant Product: PICO880, PICO500, PICO300
Ordering Information
AX93276
P/N: E393276100
Updated February 18 2016.


Similar Part No. - AX93265

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93262 AXIOMTEK-AX93262 Datasheet
296Kb / 1P
ZIO Module
AX93262 AXIOMTEK-AX93262 Datasheet
326Kb / 1P
2 DDR3L SO-DIMM support up to 8 GB memory capacity
AX93262 AXIOMTEK-AX93262 Datasheet
436Kb / 1P
3.5” Embedded SBC with Intel Atom® x5-E3940 Processor, LVDS, HDMI, 2 GbE LAN and Audio
Aug. 10, 2023.
AX93262 AXIOMTEK-AX93262 Datasheet
433Kb / 1P
3.5" Embedded SBC with LGA1151 Socket for 7th/6th Gen Intel® Core™ i7/i5/i3 Processor, LVDS, VGA, HDMI, 2 GbE LANs and Audio
Apr. 24, 2024.
AX93262 AXIOMTEK-AX93262 Datasheet
373Kb / 1P
3.5” Embedded SBC with LGA1151Socket 9th/8th Gen Intel® Core™ i7/i5/i3, Pentium® & Celeron® Processor, DisplayPort, HDMI, LVDS and 3 GbE LAN
Dec. 22, 2021.
More results

Similar Description - AX93265

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIOE-110 ADVANTECH-MIOE-110_13 Datasheet
178Kb / 1P
2 x RS-232, 2 x RS-232/422/485 (with power and isolation), 2 x USB 2.0
logo
Axiomtek Co., Ltd.
AX93A00 AXIOMTEK-AX93A00 Datasheet
338Kb / 2P
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x VGA
AX93A01 AXIOMTEK-AX93A01 Datasheet
338Kb / 2P
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x HDMI, 1 x Gigabit LAN
AX93A02 AXIOMTEK-AX93A02 Datasheet
338Kb / 2P
Specification: 1 x RS-232/422/485, 1 x RS-232, 1 x Audio (Mic-in/Line-in/Line-out)
AX93A09 AXIOMTEK-AX93A09 Datasheet
338Kb / 2P
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 2.0, 1 x Audio (Mic-in/Line-out)
AX93276 AXIOMTEK-AX93276_17 Datasheet
338Kb / 2P
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 3.0, 1 x HDMI, 1 x Gigabit LAN
AX93283 AXIOMTEK-AX93283 Datasheet
338Kb / 2P
Specification: 1 x RS-232/422/485, 1 x RS-232, 4 x USB 2.0, 1 x Audio (Mic-in/Line-out)
AX93299 AXIOMTEK-AX93299_17 Datasheet
338Kb / 2P
Specification: 1 x RS-232/422/485, 1 x RS-232, 1 x Audio (Mic-in/Line-in/Line-out),
logo
Advantech Co., Ltd.
UNO-238 ADVANTECH-UNO-238 Datasheet
660Kb / 3P
Compact IoT Edge Computer with Intel® Core™ i Processor, 2 x GbE, 4 x USB 3.2, 2 x RS-232/422/485, 1 x HDMI, 1 x DP, 1 x GPIO
5-Aug-2021
logo
AAEON Technology
UP-3GHAT AAEON-UP-3GHAT Datasheet
1Mb / 2P
RS-232/422/485 x 2, Mini Card x 1, uSIM Card Reader x 1
2023/03/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com