Electronic Components Datasheet Search
  English  ▼

X  

AX93280 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93280
Description  Specifications: A PoE-PSE I/O board complies with IEEE802.3af standard
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93280 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93280 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
243
* All specifications and photos are subject to change without notice.
PoE I/O Boards
AX93274
AX93280
Ordering Information
Ordering Information
AX93274
(P/N: E393274100)
PoE-PD I/O board
AX93280
(P/N: E393280100)
PoE-PSE I/O board
● Specifications: A PoE-PD I/O board complies with IEEE802.3at standard
via an internal cable to power on SBC
● Dimension: 100 x 32 mm
● Accessories: 1 x LAN cable, 1 x power cable, 1 x thermal module
● Compliant Product: PICO831, PICO121, PICO841, PICO843
● Specifications: A PoE-PSE I/O board complies with IEEE802.3af standard
via an internal cable connected to LAN port on a SBC to power an
external PoE device
● Dimension: 100 x 32 mm
● Accessories: 1 x LAN cable, 1 x power cable
● Compliant Product: PICO831, PICO121, PICO841, PICO843
Updated May 04, 2017.


Similar Part No. - AX93280

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93280 AXIOMTEK-AX93280 Datasheet
168Kb / 1P
PoE I/O board
AX93280 AXIOMTEK-AX93280 Datasheet
159Kb / 1P
PoE I/O Boards
May 04, 2017.
AX93280 AXIOMTEK-AX93280 Datasheet
384Kb / 1P
PoE I/O Boards
Mar. 22, 2020.
More results

Similar Description - AX93280

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4266A LINER-LTC4266A Datasheet
755Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A Datasheet
724Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
logo
Axiomtek Co., Ltd.
AX93274 AXIOMTEK-AX93274 Datasheet
101Kb / 1P
Specifications: A PoE-PD I/O board complies with IEEE802.3at standard via an internal cable to power on SBC
logo
Linear Technology
LTC4266A LINER-LTC4266A_15 Datasheet
374Kb / 30P
Quad PoE/PoE/LTPoE PSE Controller
LTC4274A LINER-LTC4274A_15 Datasheet
360Kb / 30P
Single PoE/PoE/LTPoE PSE Controller
logo
Axiomtek Co., Ltd.
AX93274 AXIOMTEK-AX93274_16 Datasheet
168Kb / 1P
PoE I/O board
logo
Microchip Technology
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD39210 MICROCHIP-PD39210 Datasheet
638Kb / 22P
PoE PSE Controller
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
PD69200 MICROCHIP-PD69200 Datasheet
384Kb / 20P
PoE PSE Controller
A March 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com