Electronic Components Datasheet Search
  English  ▼

X  

ALN5050 Datasheet(PDF) 4 Page - Advanced Semiconductor Business Inc.

Part # ALN5050
Description  Internally Matched LNA Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN5050 Datasheet(HTML) 4 Page - Advanced Semiconductor Business Inc.

  ALN5050 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN5050 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN5050 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN5050 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ALN5050 Datasheet HTML 5Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/5
www.asb.co.kr
July 2017
plerowTM ALN5050
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
4300 MHz
5050 MHz
5800 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
17.71
-12.65
-13.30
18.02
0.52
-12.06
-21.08
17.50
-12.71
-14.94
4.75 V
18.01
-12.70
-12.89
18.34
0.54
-12.40
-21.39
17.80
-12.52
-14.89
5.00 V
18.23
-12.78
-12.65
18.56
0.56
-12.76
-21.80
18.00
-12.87
-14.84
5.25 V
18.40
-12.85
-12.58
18.73
0.58
-12.05
-21.05
18.15
-12.46
-14.79
5.50 V
18.54
-12.88
-12.70
18.84
0.58
-12.25
-20.54
18.26
-12.62
-14.71
4300 MHz
5050 MHz
5800 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
35.56
22.14
-
34.21
21.91
-
32.53
22.11
-
4.75 V
36.65
22.54
-
35.81
22.50
-
34.02
22.75
-
5.00 V
37.80
22.88
-
37.22
22.92
-
35.95
23.25
-
5.25 V
38.33
23.23
-
37.99
23.27
-
36.47
23.73
-
5.50 V
38.83
23.52
-
38.21
23.54
-
35.65
24.02
-
4300 MHz
5050 MHz
5800 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
19.51
-11.98
-11.70
20.49
0.98
-12.17
-21.27
19.83
-15.45
-19.86
-10
C
19.24
-12.01
-12.29
19.95
0.71
-12.33
-20.68
19.30
-14.57
-17.62
25
C
19.25
-12.50
-12.62
19.73
0.72
-12.61
-19.15
19.01
-12.19
-16.10
60
C
19.06
-12.90
-13.40
19.42
0.72
-12.51
-17.89
18.70
-11.97
-15.87
85
C
18.81
-13.23
-14.10
18.65
0.68
-12.81
-16.56
18.13
-10.12
-16.13
4300 MHz
5050 MHz
5800 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
37.38
22.77
-
36.41
22.98
-
36.94
21.78
-
-10
C
37.32
22.57
-
37.01
22.60
-
34.62
21.52
-
25
C
36.01
22.45
-
36.67
22.42
-
35.20
21.17
-
60
C
36.37
22.29
-
36.40
22.10
-
34.50
22.26
-
85
C
35.77
21.95
-
35.76
21.51
-
34.36
21.36
-
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com