Electronic Components Datasheet Search
  English  ▼

X  

ALN2045R2 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ALN2045R2
Description  Internally Matched LNA Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALN2045R2 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ALN2045R2 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALN2045R2 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALN2045R2 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALN2045R2 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ALN2045R2 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ALN2045R2 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
www.asb.co.kr
June 2017
plerowTM ALN2045R2
Internally Matched LNA Module
Item
Voltage
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
4.5
-19.18
-16.30
25.17
1.68
0.953
21.57
34.72
83
4.6
-19.31
-16.21
25.25
1.71
0.954
21.79
35.94
89
4.7
-19.39
-16.18
25.32
1.68
0.967
22.00
37.04
95
4.8
-19.45
-16.19
25.37
1.70
0.986
22.17
38.20
100
4.9
-19.51
-16.15
25.43
1.67
0.978
22.46
38.60
106
5.0
-19.59
-16.15
25.47
1.69
0.980
22.62
38.84
112
5.1
-19.65
-16.14
25.47
1.69
0.997
22.75
38.94
117
5.2
-19.73
-16.16
25.50
1.69
1.018
22.90
39.06
123
5.3
-19.74
-16.15
25.56
1.67
1.007
23.11
39.03
128
5.4
-19.90
-16.17
25.58
1.70
1.019
23.25
38.87
134
5.5
-19.91
-16.18
25.60
1.69
1..040
23.38
38.78
139
Item
Temp.
S11
(dB)
S22
(dB)
S21
(dB)
G/F
(dB)
NF
(dB)
P1dB
(dBm)
OIP3
(dBm)
Current
(mA)
- 40
C
-19.14
-15.89
25.93
1.68
0.698
23.18
39.10
104
- 20
C
-19.23
-16.07
25.77
1.69
0.771
23.10
39.09
106
0
C
-19.17
-16.13
25.60
1.70
0.860
22.92
39.05
108
25
C
-19.15
-16.01
25.34
1.72
0.986
22.62
38.89
111
40
C
-19.10
-16.26
25.20
1.73
1.117
22.43
38.63
112
60
C
-18.86
-16.37
25.04
1.73
1.243
22.07
37.41
113
80
C
-18.86
-16.41
24.84
1.73
1.297
21.64
35.66
113
100
C
-18.82
-16.51
24.52
1.73
1.454
21.06
34.19
112
RF Performance with Voltage Change
RF Performance with Operating Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com