Electronic Components Datasheet Search
  English  ▼

X  

30L30CT Datasheet(PDF) 7 Page - International Rectifier

Part # 30L30CT
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30L30CT Datasheet(HTML) 7 Page - International Rectifier

  30L30CT Datasheet HTML 1Page - International Rectifier 30L30CT Datasheet HTML 2Page - International Rectifier 30L30CT Datasheet HTML 3Page - International Rectifier 30L30CT Datasheet HTML 4Page - International Rectifier 30L30CT Datasheet HTML 5Page - International Rectifier 30L30CT Datasheet HTML 6Page - International Rectifier 30L30CT Datasheet HTML 7Page - International Rectifier 30L30CT Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
30L30CT, 30L30CTS, 30L30CT-1
Bulletin PD-20555 rev. B 02/03
www.irf.com
30L30CT
***************************************************************************************************
This model has been developed by
Wizard SPICE MODEL GENERATOR (1999)
(International Rectifier Corporation)
contains Proprietary Information
***************************************************************************************************
SPICE Model Diode is composed by a
simple diode plus paralled VCG2T
***************************************************************************************************
.SUBCKT 30l30ct ANO CAT
D1 ANO 1 DMOD (0.08936)
*Define diode model
.MODEL DMOD D(IS=3.01789428908089E-04A,N=1.12506549677918,BV=35V,
+ IBV=0.40837541124234A,RS= 0.000285952,CJO=3.65460570356249E-08,
+ VJ=0.934944724736772,XTI=2, EG=0.674450307828855)
***************************************************************************************************
*Implementation of VCG2T
VX 1 2 DC 0V
R1 2 CAT TRES 1E-6
.MODEL TRES RES(R=1,TC1=11.2856367229303)
GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-2.138249E-03/11.28564)*((V(2,CAT)*1E6)/(I(VX)+1E-6)-
1))+1)*9.434315E-02*ABS(V(ANO,CAT)))-1)}
***************************************************************************************************
.ENDS 30l30ct
Thermal Model Subcircuit
.SUBCKT 30L30CT 5 1
CTHERM1
5
4
3.53E-1
CTHERM2
4
3
6.35E0
CTHERM3
3
2
5.15E+1
CTHERM4
2
1
4.08E+3
RTHERM1
5
4
3.15E-1
RTHERM2
4
3
6.15E-1
RTHERM1
3
2
3.7E-1
RTHERM1
2
1
1.98E-1
.ENDS 30L30CT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com