Electronic Components Datasheet Search
  English  ▼

X  

EC733339 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # EC733339
Description  -30V, -4.1A P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC733339 Datasheet(HTML) 2 Page - E-CMOS Corporation

  EC733339 Datasheet HTML 1Page - E-CMOS Corporation EC733339 Datasheet HTML 2Page - E-CMOS Corporation EC733339 Datasheet HTML 3Page - E-CMOS Corporation EC733339 Datasheet HTML 4Page - E-CMOS Corporation EC733339 Datasheet HTML 5Page - E-CMOS Corporation EC733339 Datasheet HTML 6Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EC733339
-30V、
、
、
、-4.1A P-Channel MOSFET
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 6
4K27N-Rev.F001
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
-30
—
—
V
VGS = 0V, ID = -250µA
—
37
52
VGS=-10V,ID = -4.1A
RDS(on)
Static Drain-to-Source on-resistance
—
54
87
m
VGS=-4.5V,ID = -3A
-1
—
-3
VGS(th)
Gate threshold voltage
—
-1.4
—
V
VDS = VGS, ID = -250µA
TJ = 125°C
—
—
-1
IDSS
Drain-to-Source leakage current
—
—
-50
µA
VDS = -24V,VGS = 0V
TJ = 125°C
—
—
100
VGS =20V
IGSS
Gate-to-Source forward leakage
—
—
-100
nA
VGS = -20V
Qg
Total gate charge
—
17
—
Qgs
Gate-to-Source charge
—
2.5
—
Qgd
Gate-to-Drain("Miller") charge
—
5.0
—
nC
ID = -6A,
VDS=-25V,
VGS = -10V
td(on)
Turn-on delay time
—
7.2
—
tr
Rise time
—
4.8
—
td(off)
Turn-Off delay time
—
24
—
tf
Fall time
—
11
—
ns
VGS=-10V, VDS =-25V,
RGEN=3 ,
Ciss
Input capacitance
—
665
—
Coss
Output capacitance
—
108
—
Crss
Reverse transfer capacitance
—
83
—
pF
VGS = 0V,
VDS =-15V,
ƒ = 1MHz
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
-4.1
①
A
ISM
Pulsed Source Current
(Body Diode)
—
—
-20
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
—
-0.79
-1.0
V
IS=1A, VGS=0V
trr
Reverse Recovery Time
—
9.7
—
ns
Qrr
Reverse Recovery Charge
—
3.8
—
nC
TJ = 25°C, IF =-6A,
di/dt = 100A/µs
Electrical Characteristics (TA=25℃
℃
℃
℃ unless otherwise noted)
Source-Drain Ratings and Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com