Electronic Components Datasheet Search
  English  ▼

X  

74HC4024D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC4024D
Description  7-stage binary ripple counter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4024D Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC4024D Datasheet HTML 1Page - NXP Semiconductors 74HC4024D Datasheet HTML 2Page - NXP Semiconductors 74HC4024D Datasheet HTML 3Page - NXP Semiconductors 74HC4024D Datasheet HTML 4Page - NXP Semiconductors 74HC4024D Datasheet HTML 5Page - NXP Semiconductors 74HC4024D Datasheet HTML 6Page - NXP Semiconductors 74HC4024D Datasheet HTML 7Page - NXP Semiconductors 74HC4024D Datasheet HTML 8Page - NXP Semiconductors 74HC4024D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
9397 750 13813
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
4 of 18
Philips Semiconductors
74HC4024
7-stage binary ripple counter
7.
Pinning information
7.1 Pinning
7.2 Pin description
Fig 5.
Pin configuration
4024
CP
VCC
MR
n.c.
Q6
Q0
Q5
Q1
Q4
n.c.
Q3
Q2
GND
n.c.
001aab905
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Table 3:
Pin description
Symbol
Pin
Description
CP
1
clock input (HIGH-to-LOW, edge-triggered)
MR
2
master reset input (active HIGH)
Q6
3
parallel output 6
Q5
4
parallel output 5
Q4
5
parallel output 4
Q3
6
parallel output 3
GND
7
ground (0 V)
n.c.
8
not connected
Q2
9
parallel output 2
n.c.
10
not connected
Q1
11
parallel output 1
Q0
12
parallel output 0
n.c.
13
not connected
VCC
14
positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com