Electronic Components Datasheet Search
  English  ▼

X  

IFB112 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # IFB112
Description  Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IFB112 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  IFB112 Datasheet HTML 1Page - Axiomtek Co., Ltd. IFB112 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
361
* All specifications and photos are subject to change without notice.
Introduction
Specifications
The IFB112 cost-effective DIN-rail fanless embedded system utilizes the low power RISC-
based (i.MX 6UL) processor and is designed to withstand temperatures ranging from
-40°C to +70°C for using in extreme operating environment and industrial automation
applications.
The IFB112 features one RS-232/422/485 serial ports, dual LAN, one CAN bus, two
digital input channels, one digital output channel, LED for user programming and one
eMMC onboard 4 GB. Two power paths input minimize the risk of data loss in the event
of a single power failure. Its vertical DIN-rail form factor makes it easy to install the
system in a small cabinet. The ready-to-run IFB112 is specially designed for remote
control/monitoring management applications like unmanned control room, industrial
machine, automatic parking lot, traffic cabinet and more.
Construction
Extruded aluminum and heavy-duty steel, IP30
CPU
Freescale i.MX 6UL processor, ARM® Cortex®-A7, 528 MHz
System Memory
1 x DDR3-1600 onboard, 256 MB
System I/O Outlet
Serial Port
1 x RS-232/422/485
(RS-232/422/485 interface select by
Software)
CAN Bus
1 x CAN 2.0 B (DB9 connector)
Meets ISO 11898 standard
Software control termination resistor
120 ohm can high speed up to 1Mbit/s
for transmit/receive
LAN
2 x 10/100 Mbps Ethernet
Magnetic isolation protection 1.5KV
Relay
1 x Relay
USB
1 x USB 2.0
DIO
1 x DIO (2-IN/1-OUT)
DI: Wet/Dry
DO: Wet
DI:
Input channels: 2 source type
Input voltage: 0 to 24 VDC digital input
levels for dry contacts:
-Logic level 0: close to GND
-Logic level 1: open
Digital input levels for wet contacts :
-Logic level 0: Close to GND
-Logic level 1: +0.7 ~ +24 V max.
DO:
Output channels: 1, sink type
Output current: max. 200 mA per channel
On-state voltage: 24 VDC nominal, open
Console Port
Yes
For user setting with debug
EEPROM
1 x EEPPROM (2 Kb)
Wireless
1 x PCI Express Mini Card socket
1 x SIM card socket
Top view
Watchdog Timer
WDT 1: 0.5 to 128 seconds with a time resolution of 0.5 seconds
LEDs
1 x LED for power status
1 x LED for reset status
4 x LED (programing by client)
Storage
1 x eMMC 4GB flash onboard
Installation
DIN-rail
Power Supply
9 ~ 48VDC power input range
Operating Temperature
-40°C ~ +70°C (-40°F ~ +158°F)
Storage Temperature
-45°C ~ +85°C (-49°F ~ +185°F)
Humidity
10% ~ 95%
Vibration Endurance
5G @ 10 ~ 150MHz, amplitude 0.35ms
Dimensions
31 mm (1.22") (W) x 100 mm (3.94") (D) x 125 mm (4.92") (H)
Weight (net/gross)
0.3 kg (0.66 lb)/0.44 kg (0.97 lb)
Installation
DIN-rail, wall mounting
OS Linux
OS : Yocto 1.8.1 (Fido)
Kernel: 3.14.52
Certificate
FCC Part 15
Heavy Industrial CE
i.MX6UL
Ext. Temp
IP30
Fanless
Low Power
Front view
LAN 2
Reset Button
LED for system Status
LED for user programming
LAN 1
COM 1
CAN bus
Rear view
IFB112
● RISC-based (i.MX 6UltraLite) processor 528 MHz
● 256MB DDR3 SDRAM onboard
● 4GB eMMC flash onboard
● 1 Wireless (Wi-Fi or 3G/4G)
● 1 CAN Bus
● 2 digital inputs and 1 digital output
● 9 ~ 48 VDC wide range power input with terminal block
● Embedded Linux operating system (Yocto)
● Fanless design
● Wide operating temperature range from -40°C to +70°C
Features
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor,
1 COM, 1 CAN Bus, 2 LANs and DIO (2-IN/1-OUT)
Bottom
1 DIO ( 2-IN/1-OUT) & Console
Console PIN
Relay PIN
DI PIN
Antenna 2
USB port Power port
Antenna 1
DO PIN
NEW
Updated Jun. 19, 2017.


Similar Part No. - IFB112

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IFB122 AXIOMTEK-IFB122 Datasheet
297Kb / 2P
RISC-based (i.MX 6UltraLite) processor 528 MHz
IFB122 AXIOMTEK-IFB122 Datasheet
326Kb / 3P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor, 2 COM, 2 LANs and DIO (2-in/1-out)
2023
IFB122-UL8E-A AXIOMTEK-IFB122-UL8E-A Datasheet
326Kb / 3P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor, 2 COM, 2 LANs and DIO (2-in/1-out)
2023
IFB122 AXIOMTEK-IFB122_17 Datasheet
274Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor 2 COM
IFB122 AXIOMTEK-IFB122_V01 Datasheet
326Kb / 3P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor, 2 COM, 2 LANs and DIO (2-in/1-out)
2023
More results

Similar Description - IFB112

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
RBOX120-2COM AXIOMTEK-RBOX120-2COM Datasheet
581Kb / 2P
Robust Din-rail Fanless Embedded System
RBOX310-4COM AXIOMTEK-RBOX310-4COM Datasheet
714Kb / 2P
Robust Din-rail Fanless Embedded System
ICO300 AXIOMTEK-ICO300_17 Datasheet
345Kb / 2P
Robust DIN-rail Fanless Embedded System with Intel Atom Processor
ICO300-83B AXIOMTEK-ICO300-83B Datasheet
311Kb / 2P
Robust DIN-rail Fanless Embedded System with Intel Celeron Processor N3350
ICO310 AXIOMTEK-ICO310_17 Datasheet
300Kb / 2P
Robust DIN-rail Fanless Embedded System with Intel Celeron Processor
IFB122 AXIOMTEK-IFB122_17 Datasheet
274Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor 2 COM
RBOX120-2COM AXIOMTEK-RBOX120-2COM_17 Datasheet
575Kb / 2P
Robust Din-rail Fanless Embedded System
RBOX610 AXIOMTEK-RBOX610_17 Datasheet
365Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with iMX-287 Processor
RBOX630 AXIOMTEK-RBOX630_17 Datasheet
350Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6 Processor
IRU151 AXIOMTEK-IRU151 Datasheet
337Kb / 2P
Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com