Electronic Components Datasheet Search
  English  ▼

X  

54283 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54283
Description  4-Bit Binary Full Adder (with Fast Carry)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54283 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54283 Datasheet HTML 1Page - National Semiconductor (TI) 54283 Datasheet HTML 2Page - National Semiconductor (TI) 54283 Datasheet HTML 3Page - National Semiconductor (TI) 54283 Datasheet HTML 4Page - National Semiconductor (TI) 54283 Datasheet HTML 5Page - National Semiconductor (TI) 54283 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF9786
June 1989
54283DM74283
4-Bit Binary Full Adder (with Fast Carry)
General Description
The ’283 high speed 4-bit binary full adders with internal
carry lookahead accept two 4-bit binary words (A0 – A3 B0 –
B3) and a Carry input (C0) They generate the binary Sum
outputs (S0 – S3) and the Carry output (C4) from the most
significant bit They operate with either active HIGH or ac-
tive LOW operands (positive or negative logic)
Connection Diagram
Dual-In-Line Package
TLF9786 – 1
Order Number 54283DMQB 54283FMQB or DM74283N
See NS Package Number J16A N16E or W16A
Pin Names
Description
A0 – A3
A Operand Inputs
B0 – B3
B Operand Inputs
C0
Carry Input
S0 – S3
Sum Outputs
C4
Carry Output
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 54283

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5428 POMONA-5428 Datasheet
22Kb / 1P
Minigrabber To Multimeter Plug & Kit
logo
Heyco.
5428 HEYCO-5428 Datasheet
380Kb / 2P
Full Thickness Male Blades
logo
Carclo Technical Plasti...
5428 COIL-5428 Datasheet
3Mb / 24P
OPTICS CATALOGUE
logo
Pomona Electronics
5428-48-0 POMONA-5428-48-0 Datasheet
22Kb / 1P
Minigrabber To Multimeter Plug & Kit
5428-48-2 POMONA-5428-48-2 Datasheet
22Kb / 1P
Minigrabber To Multimeter Plug & Kit
More results

Similar Description - 54283

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283 PHILIPS-74HC283 Datasheet
61Kb / 8P
4-bit binary full adder with fast carry
December 1990
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
4-bit Binary Full Adder (with Fast Carry)
HD74AC283 RENESAS-HD74AC283 Datasheet
233Kb / 10P
4-bit Binary Full Adder with Fast Carry
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com