Electronic Components Datasheet Search
  English  ▼

X  

AD7910ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD7910ARM
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7910ARM Datasheet HTML 12Page - Analog Devices AD7910ARM Datasheet HTML 13Page - Analog Devices AD7910ARM Datasheet HTML 14Page - Analog Devices AD7910ARM Datasheet HTML 15Page - Analog Devices AD7910ARM Datasheet HTML 16Page - Analog Devices AD7910ARM Datasheet HTML 17Page - Analog Devices AD7910ARM Datasheet HTML 18Page - Analog Devices AD7910ARM Datasheet HTML 19Page - Analog Devices AD7910ARM Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
REV. B
–18–
AD7910/AD7920
As can be seen in Figure 18, for the MSOP package the decou-
pling capacitor has been placed as close as possible to the IC, with
short track lengths to VDD and GND pins. The decoupling capaci-
tor could also be placed on the underside of the PCB directly under-
neath the IC, between the VDD and GND pins attached by vias.
This method would not be recommended on PCBs above a standard
1.6 mm thickness. The best performance will be seen with the decou-
pling capacitor on the top of the PCB next to the IC.
Figure 18. Recommended Supply Decoupling
Scheme for the AD7910/AD7920 MSOP Package
Similarly, for the SC70 package, the decoupling capacitor should
be located as close as possible to the VDD and GND pins. Because
of its pinout, i.e., VDD being next to GND, the decoupling capaci-
tor can be placed extremely close to the IC. The decoupling
capacitor could be placed on the underside of the PCB directly
under the VDD and GND pins, but, as before, the best perfor-
mance will be seen with the decoupling capacitor on the same
side as the IC.
Figure 19. Recommended Supply Decoupling
Scheme for the AD7910/AD7920 SC70 Package
Evaluating the AD7910/AD7920 Performance
The evaluation board package includes a fully assembled and
tested evaluation board, documentation, and software for con-
trolling the board from the PC via the Eval-Board Controller.
To demonstrate/evaluate the ac and dc performance of the
AD7910/AD7920, the evaluation board controller can be used
in conjunction with the AD7910/AD7920CB evaluation boards
as well as many other Analog Devices evaluation boards ending
in the CB designator.
The software allows the user to perform ac (fast Fourier transform)
and dc (histogram of codes) tests on the AD7910/AD7920. See
the evaluation board technical note for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com