Electronic Components Datasheet Search
  English  ▼

X  

ADM1070 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM1070
Description  -48 V Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1070 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM1070 Datasheet HTML 2Page - Analog Devices ADM1070 Datasheet HTML 3Page - Analog Devices ADM1070 Datasheet HTML 4Page - Analog Devices ADM1070 Datasheet HTML 5Page - Analog Devices ADM1070 Datasheet HTML 6Page - Analog Devices ADM1070 Datasheet HTML 7Page - Analog Devices ADM1070 Datasheet HTML 8Page - Analog Devices ADM1070 Datasheet HTML 9Page - Analog Devices ADM1070 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
–6–
ADM1070
TEMPERATURE – C
–50
120
115
110
105
100
90
–35
–20
–5
10
25
40
55
70
85
95
80
85
TPC 7. Analog Current Limit Voltage, VACL vs.
Temperature
TEMPERATURE – C
150
100
–50
–35
–20
–5
10
25
40
55
70
145
140
135
130
125
120
115
110
105
85
TPC 8. Fast Current Limit Voltage, VFCL vs. Temperature
TEMPERATURE – C
60
–50
–35
–10
5
25
405570
55
50
45
85
30
40
35
TPC 9. IGATE (Source) vs. Temperature
TEMPERATURE – C
–50
60
50
40
30
20
0
–35
–20
–5
10
25
40
55
70
85
10
TPC 10. IGATE (FCL, Sink) vs. Temperature (VGATE = 9 V)
TEMPERATURE – C
–50
14.0
13.5
13.0
12.5
12.0
11.0
–35
–20
–5
10
25
40
55
70
85
11.5
10.0
10.5
TPC 11. VGATE vs. Temperature
TEMPERATURE – C
–40
50
40
30
20
10
0
–30 –20 –10
0
10
20
30
40
50
60
70
80
90
TPC 12. VGATEL vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com