Electronic Components Datasheet Search
  English  ▼

X  

AD7920BKS Datasheet(PDF) 12 Page - Analog Devices

Part # AD7920BKS
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7920BKS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7920BKS Datasheet HTML 8Page - Analog Devices AD7920BKS Datasheet HTML 9Page - Analog Devices AD7920BKS Datasheet HTML 10Page - Analog Devices AD7920BKS Datasheet HTML 11Page - Analog Devices AD7920BKS Datasheet HTML 12Page - Analog Devices AD7920BKS Datasheet HTML 13Page - Analog Devices AD7920BKS Datasheet HTML 14Page - Analog Devices AD7920BKS Datasheet HTML 15Page - Analog Devices AD7920BKS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REV. B
–12–
AD7910/AD7920
Analog Input
Figure 8 shows an equivalent circuit of the analog input structure
of the AD7910/AD7920. The two diodes D1 and D2 provide
ESD protection for the analog input. Care must be taken to ensure
that the analog input signal never exceeds the supply rails by
more than 300 mV. This will cause these diodes to become
forward biased and start conducting current into the substrate.
10 mA is the maximum current these diodes can conduct without
causing irreversible damage to the part. The capacitor C1 in
Figure 8 is typically about 6 pF and can be attributed primarily to
pin capacitance. The resistor R1 is a lumped component made
up of the on resistance of a switch. This resistor is typically about
100
W. The capacitor C2 is the ADC sampling capacitor and has
a capacitance of 20 pF typically. For ac applications, removing
high frequency components from the analog input signal is
recommended by use of a band-pass filter on the relevant analog
input pin. In applications where harmonic distortion and signal-
to-noise ratio are critical, the analog input should be driven from
a low impedance source. Large source impedances will signifi-
cantly affect the ac performance of the ADC. This may necessitate
the use of an input buffer amplifier. The choice of the op amp is
a function of the particular application.
D1
D2
R1
C2
20pF
VDD
VIN
C1
6pF
CONVERSION PHASE – SWITCH OPEN
TRACK PHASE – SWITCH CLOSED
Figure 8. Equivalent Analog Input Circuit
Table II provides some typical performance data with various
op amps used as the input buffer for a 100 kHz input tone at room
temperature under the same setup conditions.
Table II. AD7920 Typical Performance
for Various Input Buffers, VDD = 3 V
Op Amp in the
AD7920 SNR
Input Buffer
Performance (dB)
AD711
72.3
AD797
72.5
AD845
71.4
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum source
impedance depends on the amount of total harmonic distortion
(THD) that can be tolerated. The THD increases as the source
impedance increases, and performance degrades (see TPC 6).
Digital Inputs
The digital inputs applied to the AD7910/AD7920 are not
limited by the maximum ratings that limit the analog input. Instead,
the digital inputs applied can go to 7 V and are not restricted
by the VDD + 0.3 V limit as on the analog input. For example, if
the AD7910/AD7920 were operated with a VDD of 3V, then 5 V
logic levels could be used on the digital inputs. However, it is
important to note that the data output on SDATA will still have 3 V
logic levels when VDD = 3 V. Another advantage of SCLK and
CS not being restricted by the V
DD + 0.3 V limit is that power
supply sequencing issues are avoided. If
CS or SCLK is applied
before VDD, there is no risk of latch-up as there would be on the
analog inputs if a signal greater than 0.3 V was applied prior to VDD.
MODES OF OPERATION
The mode of operation of the AD7910/AD7920 is selected by
controlling the logic state of the
CS signal during a conversion.
There are two possible modes of operation, normal mode and
power-down mode. The point at which
CS is pulled high
after the conversion has been initiated determines whether the
AD7910/AD7920 enters power-down mode. Similarly, if the
device is already in power-down mode,
CS can control whether
it returns to normal operation or remains in power-down mode.
These modes of operation are designed to provide flexible power
management options. These options can be chosen to optimize
the power dissipation/throughput rate ratio for different applica-
tion requirements.
Normal Mode
This mode is intended for fastest throughput rate performance
because the user does not have to worry about any power-up
times; the AD7910/AD7920 remains fully powered all the time.
Figure 9 shows the general diagram of the operation of the
AD7910/AD7920 in this mode.
The conversion is initiated on the falling edge of
CS as described
in the Serial Interface section. To ensure that the part remains
fully powered up at all times,
CS must remain low until at least
10 SCLK falling edges have elapsed after the falling edge of
CS.
If
CS is brought high any time after the 10th SCLK falling edge
but before the end of the tCONVERT, the part will remain pow-
ered up but the conversion will be terminated and SDATA will
go back into three-state.
For the AD7920, 16 serial clock cycles are required to complete
the conversion and access the complete conversion result. For the
AD7910, a minimum of 14 serial clock cycles is required to com-
plete the conversion and access the complete conversion result.
CS may idle high until the next conversion or may idle low until CS
returns high sometime prior to the next conversion, effectively
idling
CS low.
Once a data transfer is complete (SDATA has returned to three-
state), another conversion can be initiated after the quiet time,
tQUIET, has elapsed by bringing CS low again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com