Electronic Components Datasheet Search
  English  ▼

X  

SR22 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # SR22
Description  2A Leaded Type Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SR22 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  SR22 Datasheet HTML 1Page - Chip Integration Technology Corporation SR22 Datasheet HTML 2Page - Chip Integration Technology Corporation SR22 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
standard >16ΚV(SR22~SR26).
standard >10ΚV(SR210~SR220).
Axial lead type devices for through hole design.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
•
Electrostatic discharge (ESD) test under IEC6100-4-2
Suffix "G" indicates Halogen-free part, ex.SR22G.
DO-15(DO-204AC)
• Case : Molded plastic, DO-204AC / DO-15
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 0.39 gram
• Epoxy:UL94-V0 rated flame retardant
SR22 THRU SR220
2A Leaded Type Schottky Barrier Rectifiers
I
O
I
FSM
I
R
C
J
T
STG
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 100 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
30
20
0.5
2.0
50
A
A
mA
OC/W
OC
50
R
θJA
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Operating temperature
O
T ( C)
J
-50 ~ +150
-50 ~ +175
Max. forward voltage
O
@2A, T = 25 C
A
V (V)
F
0.70
0.50
0.87
0.90
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
28
42
70
14
105
140
Max.
repetitive peak
reverse voltage
V
(V)
RRM
40
60
100
20
150
200
Marking code
SR24
SR26
SR210
SR22
SR215
SR220
Symbol
SR24
SR26
SR210
SR22
SR215
SR220
40
60
100
20
150
200
0.45
0.81
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.300 (7.6)
.230 (5.8)
.034 (0.9)
.028 (0.7)
DIA.
.140 (3.6)
.104 (2.6)
DIA.
Document ID : DS-11K80
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C


Similar Part No. - SR22

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR22 MOSPEC-SR22 Datasheet
224Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(2.0A,20-60V)
logo
Pan Jit International I...
SR22 PANJIT-SR22 Datasheet
58Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 2.0 Amperes)
logo
Transys Electronics
SR22 TRSYS-SR22 Datasheet
173Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SR22 WTE-SR22 Datasheet
47Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Monolithic Power System...
SR22 MPS-SR22 Datasheet
253Kb / 10P
2A, 380 KHz Step-Down Converter
More results

Similar Description - SR22

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
Leaded Schottky Barrier Rectifiers
logo
Frontier Electronics.
SR202 FRONTIER-SR202 Datasheet
126Kb / 2P
2A SCHOTTKY BARRIER RECTIFIERS
SR202-LFR FRONTIER-SR202-LFR Datasheet
127Kb / 2P
2A SCHOTTKY BARRIER RECTIFIERS
SR240 FRONTIER-SR240 Datasheet
432Kb / 2P
2A SCHOTTKY BARRIER RECTIFIERS
SB2150 FRONTIER-SB2150 Datasheet
423Kb / 2P
2A SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SR12 CITC-SR12 Datasheet
150Kb / 3P
1A Leaded Type Schottky Barrier Rectifiers
SR32 CITC-SR32 Datasheet
150Kb / 3P
3A Leaded Type Schottky Barrier Rectifiers
SR52 CITC-SR52 Datasheet
457Kb / 3P
5A Leaded Type Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS220P-C SECOS-SCS220P-C Datasheet
97Kb / 2P
2A Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com