Electronic Components Datasheet Search
  English  ▼

X  

SR32 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # SR32
Description  3A Leaded Type Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SR32 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  SR32 Datasheet HTML 1Page - Chip Integration Technology Corporation SR32 Datasheet HTML 2Page - Chip Integration Technology Corporation SR32 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
Features
■
■ Mechanical data
■ Maximum ratings and electrical characteristics
Rating at 25
ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
OC
Outline
■
standard >16ΚV(SR32~SR36).
standard >10ΚV(SR310~SR320).
Axial lead type devices for through hole design.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
•
Electrostatic discharge (ESD) test under IEC6100-4-2
Suffix "G" indicates Halogen-free part, ex.SR32G.
DO-27(DO-201AD)
• Case : Molded plastic, DO-201AD / DO-27
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 1.10 gram
• Epoxy:UL94-V0 rated flame retardant
SR32 THRU SR320
3A Leaded Type Schottky Barrier Rectifiers
I
O
I
FSM
I
R
C
J
T
STG
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
RRM
A
O
V
= V
T
= 100 C
R
RRM
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
250
20
0.5
3.0
70
A
A
mA
OC/W
OC
55
R
θJA
Junction to ambient
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
Operating temperature
O
T ( C)
J
-50 ~ +150
-50 ~ +175
Max. forward voltage
O
@3A, T = 25 C
A
V (V)
F
0.70
0.50
0.87
0.90
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
RMS
28
42
70
14
105
140
Max.
repetitive peak
reverse voltage
V
(V)
RRM
40
60
100
20
150
200
Marking code
SR34
SR36
SR310
SR32
SR315
SR320
Symbol
SR34
SR36
SR310
SR32
SR315
SR320
40
60
100
20
150
200
0.45
0.81
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.375 (9.5)
.285 (7.2)
.052 (1.3)
.048 (1.2)
DIA.
.220 (5.6)
.197 (5.0)
DIA.
Document ID : DS-11K81
Issued Date : 2010/05/05
Revised Date : 2012/05/31
Revision : C


Similar Part No. - SR32

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR32 MOSPEC-SR32 Datasheet
232Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(3.0A,20-60V)
logo
Pan Jit International I...
SR32 PANJIT-SR32 Datasheet
60Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 90 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
SR32 TRSYS-SR32 Datasheet
171Kb / 2P
MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SR32 WTE-SR32 Datasheet
48Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR32 WTE-SR32 Datasheet
47Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SR32

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
Leaded Schottky Barrier Rectifiers
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
Leaded Schottky Barrier Rectifiers
logo
Frontier Electronics.
1N5820 FRONTIER-1N5820 Datasheet
120Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SR302 FRONTIER-SR302 Datasheet
124Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SR302-LFR FRONTIER-SR302-LFR Datasheet
124Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SR3150 FRONTIER-SR3150 Datasheet
371Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
SL32 FRONTIER-SL32 Datasheet
450Kb / 2P
3A SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SR12 CITC-SR12 Datasheet
150Kb / 3P
1A Leaded Type Schottky Barrier Rectifiers
SR22 CITC-SR22 Datasheet
150Kb / 3P
2A Leaded Type Schottky Barrier Rectifiers
SR52 CITC-SR52 Datasheet
457Kb / 3P
5A Leaded Type Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com