Electronic Components Datasheet Search
  English  ▼

X  

SR52 Datasheet(PDF) 1 Page - Chip Integration Technology Corporation

Part # SR52
Description  5A Leaded Type Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

SR52 Datasheet(HTML) 1 Page - Chip Integration Technology Corporation

  SR52 Datasheet HTML 1Page - Chip Integration Technology Corporation SR52 Datasheet HTML 2Page - Chip Integration Technology Corporation SR52 Datasheet HTML 3Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Dimensions in inches and (millimeters)
■ Features
■ Mechanical data
■ Maximum ratings and electrical characteristics
O
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
■ Outline
Axial lead type devices for through hole design.
•
Low power loss, high efficiency.
•
High current capability, low forward voltage drop.
•
High surge capability.
•
Ultra high-speed switching.
•
Silicon epitaxial planar chip, metal silicon junction.
•
Suffix "G" indicates Halogen-free part, ex.SR52G.
•
Lead-free parts meet environmental standards of
•
MIL-STD-19500 /228
DO-27(DO-201AD)
• Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, DO-201AD / DO-27
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity : Color band denotes cathode end
• Weight : Approximated 1.10 gram
SR52 THRU SR520
5A Leaded Type Schottky Barrier Rectifiers
I
O
I
F S M
I
R
T
S T G
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Storage temperature
Parameter
See Fig.1
8.3ms single half sine-wave superimposed on
rate load (JEDEC method)
O
V
= V
T
= 25 C
R
R R M
A
O
V
= V
T
= 100 C
R
R R M
A
Conditions
Symbol
MIN.
TYP.
MAX.
UNIT
-55
+175
20
0.5
5.0
125
A
A
mA
O C/W
O C
24
R
θ J A
Junction to ambient
Operating temperature
O
T ( C)
J
-55 ~ +150
-55 ~ +175
Max. forward voltage
O
@5A, T = 25 C
A
V (V)
F
0.70
0.55
0.87
0.90
Max. DC
blocking voltage
V (V)
R
Max.
RMS voltage
V
(V)
R M S
28
42
70
14
105
140
Max.
repetitive peak
reverse voltage
V
(V)
R R M
40
60
100
20
150
200
Marking code
SR54
SR56
SR510
SR52
SR515
SR520
Symbol
SR54
SR56
SR510
SR52
SR515
SR520
40
60
100
20
150
200
0.50
0.85
Document ID : DS-11K82
Revised Date : 2016/05/06
Revision : C4
Marking code
1.0 (25.4) MIN.
1.0 (25.4) MIN.
.375 (9.6)
.285 (7.2)
.052 (1.3)
.048 (1.2)
DIA.
.220 (5.6)
.197 (4.8)
DIA.
C
J
TYP. 380@20V
Diode junction capacitance
pF
f=1MHz and applied 4V DC reverse voltage
TYP. 300@40V~200V


Similar Part No. - SR52

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR52 MOSPEC-SR52 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Yea Shin Technology Co....
SR52 YEASHIN-SR52 Datasheet
406Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SR52 WTE-SR52 Datasheet
52Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2012
SR52-T3 WTE-SR52-T3 Datasheet
52Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2012
SR520 WTE-SR520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR52

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TSR520 TAITRON-TSR520 Datasheet
152Kb / 4P
5A Schottky Barrier Rectifiers
logo
Silicon Standard Corp.
SB520 SSC-SB520 Datasheet
338Kb / 2P
5A Schottky Barrier Rectifiers
logo
Comchip Technology
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
Leaded Schottky Barrier Rectifiers
logo
Frontier Electronics.
SR502 FRONTIER-SR502 Datasheet
125Kb / 2P
5A SCHOTTKY BARRIER RECTIFIERS
SR502-LFR FRONTIER-SR502-LFR Datasheet
125Kb / 2P
5A SCHOTTKY BARRIER RECTIFIERS
SRF5-02 FRONTIER-SRF5-02 Datasheet
125Kb / 2P
5A SCHOTTKY BARRIER RECTIFIERS
SRF5-02-LFR FRONTIER-SRF5-02-LFR Datasheet
125Kb / 2P
5A SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SR12 CITC-SR12 Datasheet
150Kb / 3P
1A Leaded Type Schottky Barrier Rectifiers
SR22 CITC-SR22 Datasheet
150Kb / 3P
2A Leaded Type Schottky Barrier Rectifiers
SR32 CITC-SR32 Datasheet
150Kb / 3P
3A Leaded Type Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com