Electronic Components Datasheet Search
  English  ▼

X  

T0534TL Datasheet(PDF) 4 Page - Chip Integration Technology Corporation

Part # T0534TL
Description  Low Capacitance ESD Protection Device
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITC [Chip Integration Technology Corporation]
Direct Link  http://www.citcorp.com.tw/english/index.php
Logo CITC - Chip Integration Technology Corporation

T0534TL Datasheet(HTML) 4 Page - Chip Integration Technology Corporation

  T0534TL Datasheet HTML 1Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 2Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 3Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 4Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 5Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 6Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 7Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 8Page - Chip Integration Technology Corporation T0534TL Datasheet HTML 9Page - Chip Integration Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Application Information
Pin Connection in PCB
T0534TL is capable to provide ESD protection for
four data lines simultaneously. The pin connection is
shown in Figure 1.
Four parallel data lines, from inner IC to I/O port
connector, could connect to
four I/O pins
directly. Pin 2 of
is the negative reference
pin, which should connect to the GND of PCB. The
connection wires should be as short as possible in
order to minimize the parasitic inductance.
I/O1
I/O2
GND
To Inner IC
VCC
To Connector
I/O3
I/O4
To Inner IC
To Connector
Figure 1 T05
34TL pin connection in PCB
PCB Layout Guidelines
For optimum ESD protection and the whole circuit
performance, the following PCB layout guidelines are
recommended:
GND pin to the PCB GND rail path
should be as short as possible. It could reduce the
ESD transient return path to GND.
The vias connecting
VCC & GND pins
to the PCB VCC & GND should be wide.
Place
as close to the connector port as
possible. It could reduce the parasitic inductance
and restrict ESD coupling into adjacent traces.
Avoid running critical signals near board edges.
Figure 2 T0534TL Layout Guideline
Universal Serial Bus ESD Protection
USB
Controller
VBUS
VBUS
D+
D-
GND
VBUS
D+
D-
GND
USB
Port1
USB
Port2
RT
RT
RT
RT
CT
CT
CT
CT
GND
1
2
3
4
5
6
T0534TL
T0534TL
T0534TL
T05
34TL
T05
34TL
T0534TL
Chip Integration Technology Corporation
Low Capacitance ESD Protection Device
T0534TL
□
□
□
□
Document ID : DS-22V20
Revised Date : 2017/07/20
Revision : C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com