Electronic Components Datasheet Search
  English  ▼

X  

AT40K05 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT40K05
Description  5K - 50K Gates Coprocessor FPGA with FreeRAM
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT40K05 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT40K05 Datasheet HTML 37Page - ATMEL Corporation AT40K05 Datasheet HTML 38Page - ATMEL Corporation AT40K05 Datasheet HTML 39Page - ATMEL Corporation AT40K05 Datasheet HTML 40Page - ATMEL Corporation AT40K05 Datasheet HTML 41Page - ATMEL Corporation AT40K05 Datasheet HTML 42Page - ATMEL Corporation AT40K05 Datasheet HTML 43Page - ATMEL Corporation AT40K05 Datasheet HTML 44Page - ATMEL Corporation AT40K05 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
41
AT40K/AT40KLV Series FPGA
0896C–FPGA–04/02
I/O38
(LDC)
I/O54
(LDC)
I/O70
(LDC)
I/O102
(LDC)
37
33
30
44
48
62
68
221
AE23
GND
I/O103
I/O104
I/O105
AC21
I/O106
AD21
I/O71
I/O107
220
AE22
I/O72
I/O108
219
AF23
VCC
VCC
VCC(1)
GND
GND
GND
(1)
I/O39
I/O55
I/O73
I/O109
49
63
69
218
AD20
I/O40
I/O56
I/O74
I/O110
50
64
70
217
AE21
I/O57
I/O75
I/O111
65
71
216
AF21
I/O58
I/O76
I/O112
66
72
215
AC19
I/O113
I/O114
GND
I/O77
I/O115
I/O78
I/O116
I/O59
I/O79
I/O117
73
214
AD19
I/O60
I/O80
I/O118
74
213
AE20
I/O119
212
AF20
I/O120
211
AC18
GND
GND
GND
GND
45
51
67
75
210
GND
(1)
I/O41
I/O61
I/O81
I/O121
46
52
68
76
209
AD18
I/O42
I/O62
I/O82
I/O122
47
53
69
77
208
AE19
I/O43
I/O63
I/O83
I/O123
38
34
31
48
54
70
78
207
AC17
I/O44
I/O64
I/O84
I/O124
39
35
32
49
55
71
79
206
AD17
VCC
VCC
VCC
80
204
VCC(1)
I/O65
I/O85
I/O125
72
81
203
AE18
I/O66
I/O86
I/O126
73
82
202
AF18
GND
I/O127
I/O128
I/O129
AC16
I/O130
AD16
AT40K05
AT40K05LV
AT40K10
AT40K10LV
AT40K20
AT40K20LV
AT40K40
AT40K40LV
Bottom Side (Left to Right)
128 I/O
192 I/O
256 I/O
384 I/O
84
PLCC
100
PQFP
100
TQFP
144
LQFP
160
PQFP
208
PQFP
240
PQFP
304
PQFP(2)
352
SBGA(2)
Notes:
1. Pads labeled GND or VCC are internally bonded to Ground or VCC planes within the package. They have no direct con-
nection to any specific package pin.
2. This package has an inverted die.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com