Electronic Components Datasheet Search
  English  ▼

X  

RGB-1FJB13 Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # RGB-1FJB13
Description  General Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

RGB-1FJB13 Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button RGB-1FJB13 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1FJB13 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1FJB13 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1FJB13 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1FJB13 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1FJB13 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1FJB13 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1FJB13 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. RGB-1FJB13 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Series KP
Miniature Audio/Video Pushbuttons
D42
D
www.nkkswitches.com
Clear Lens
White Diffuser
JB
Lens & Diffuser Colors Available:
Clear/White
Materials & Finishes: Lens - Polycarbonate with glossy finish
Diffuser - Polycarbonate with textured finish
Optional Protective Guard AT4170 available; contact factory.
Cap illumination is alternating Green/Red or Blue/Amber; legend text is black.
Contact factory for other Alternating Legends.
Legend illustrations are approximate representations of the actual characters on the filters.
11
12
13
ON OFF
ON
OFF
START STOP
Standard Alternating Legend Pairs
14
OPEN CLOSE
Green/Red or Blue/Amber
Green/Red or Blue/Amber
Green/Red or Blue/Amber
Green/Red or Blue/Amber
Caps for Alternating Legends
1
Used on A Plunger
AT3093 Flat Cap
F
S
AT3096 Home Key Cap
T
AT3094 Flat Cap
F
AT3091 Sculptured Cap
S
AT3097 Home Key Cap
T
12.0mm Square
AT3090 Sculptured Cap
AT3095 Flat Cap
AT3092 Sculptured Cap
S
AT3098 Home Key Cap
T
2
15.0mm Square
F
3
17.4mm Square
Used on B Plunger
Used on B Plunger
(6.5)
.256
(12.0) Sq
.472
(6.5)
.256
(12.0) Sq
.472
(6.5)
.256
(12.0) Sq
.472
(2.6) Dia
.102
(7.0)
.276
(15.0) Sq
.591
(7.0)
.276
(15.0) Sq
.591
(7.0)
.276
(15.0) Sq
.591
(2.6) Dia
.102
(7.0)
.276
(17.4) Sq
.685
(2.6) Dia
.102
(7.0)
.276
(17.4) Sq
.685
(7.0)
.276
(17.4) Sq
.685



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com