Electronic Components Datasheet Search
  English  ▼

X  

AS2845N Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AS2845N
Description  Current Mode Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS2845N Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AS2845N Datasheet HTML 6Page - List of Unclassifed Manufacturers AS2845N Datasheet HTML 7Page - List of Unclassifed Manufacturers AS2845N Datasheet HTML 8Page - List of Unclassifed Manufacturers AS2845N Datasheet HTML 9Page - List of Unclassifed Manufacturers AS2845N Datasheet HTML 10Page - List of Unclassifed Manufacturers AS2845N Datasheet HTML 11Page - List of Unclassifed Manufacturers AS2845N Datasheet HTML 12Page - List of Unclassifed Manufacturers AS2845N Datasheet HTML 13Page - List of Unclassifed Manufacturers AS2845N Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AS2842/3/4/5
Current Mode Controller
ASTEC Semiconductor
46
Application Information
The AS2842/3/4/5 family of current-mode control
ICs are low cost, high performance controllers
which are pin compatible with the industry
standard UC2842 series of devices. Suitable for
many switch mode power supply applications,
these ICs have been optimized for use in high
frequency off-line and DC-DC converters.
The AS2842 has been enhanced to provide
significantly improved performance, resulting in
exceptionally better tolerances in power supply
manufacturing. In addition, all electrical charac-
teristics are guaranteed over the full 0 to 105
°C
temperature range. Among the many enhance-
ments are: a precision trimmed 2.5 volt refer-
ence (
±0.5% of nominal at the error amplifier
input), a significantly reduced propagation delay
from current sense input to the IC output, a
trimmed oscillator for precise duty-cycle clamp-
ing, a modified flip-flop scheme that gives a true
50% duty ratio clamp on 2844/45 types, and
an improved 5 V regulator for better AC noise
immunity. Furthermore, the AS2842 provides
guaranteed performance with current sense
input below ground. The advanced oscillator
design greatly simplifies synchronization. The
device is more completely specified to guarantee
all parameters that impact power supply
manufacturing tolerances.
Section 1— Theory of Operation
The functional block diagram of the AS2842 is
shown in Figure 1. The IC is comprised of the
six basic functions necessary to implement
current mode control; the under voltage lockout;
the reference; the oscillator; the error amplifier;
the current sense comparator/PWM latch;
and the output. The following paragraphs will
describe the theory of operation of each of the
functional blocks.
1.1 Undervoltage lockout (UVLO)
The undervoltage lockout function of the AS2842
holds the IC in a low quiescent current (
≤ 1 mA)
“standby” mode until the supply voltage (VCC)
exceeds the upper UVLO threshold voltage. This
guarantees that all of the IC’s internal circuitry
are properly biased and fully functional before
the output stage is enabled. Once the IC turns on,
the UVLO threshold shifts to a lower level (hys-
teresis) to prevent VCC oscillations.
The low quiescent current standby mode of the
AS2842 allows “bootstrapping” — a technique
used in off-line converters to start the IC from the
rectified AC line voltage initially, after which power
to the IC is provided by an auxiliary winding off
the power supply’s main transformer. Figure 14
shows a typical bootstrap circuit where capacitor
Figure 14. Bootstrap Circuit
+
R <
VDC MIN
1 mA
R
+
C
>1 mA
16 V/10 V (2842/4)
8.4 V/7.8 V (2843/5)
OUT
6
IC ENABLE
AC LINE
AS284x
7
VCC
5
GND
AUX
PRI
SEC
VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com