Electronic Components Datasheet Search
  English  ▼

X  

AT83C5111 Datasheet(PDF) 77 Page - ATMEL Corporation

Part # AT83C5111
Description  Low Pin Count 8-bit Microcontroller with A/D Converter
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83C5111 Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button AT83C5111 Datasheet HTML 73Page - ATMEL Corporation AT83C5111 Datasheet HTML 74Page - ATMEL Corporation AT83C5111 Datasheet HTML 75Page - ATMEL Corporation AT83C5111 Datasheet HTML 76Page - ATMEL Corporation AT83C5111 Datasheet HTML 77Page - ATMEL Corporation AT83C5111 Datasheet HTML 78Page - ATMEL Corporation AT83C5111 Datasheet HTML 79Page - ATMEL Corporation AT83C5111 Datasheet HTML 80Page - ATMEL Corporation AT83C5111 Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 86 page
background image
77
AT8xC5111
4190A–8051–11/02
AC Parameters
Explanat ion of the AC
Symbols
Each timing symbol has 5 characters. The first character is always a “t” (that stands for
Time). The other characters, depending on their positions, stand for the name of a sig-
nal or the logical stat us of that signal. The following is a list of all the characters and
what they stand for.
Example:TXHDV = Time from clock rising edge to input dat a valid.
TA = -40
°C to +85°C (industrial temperat ure range); V
SS = 0V; 2.7V < VCC < 5.5V ; -L
range.
Table 61. gives the maximum applicable load capacitance for Port 1, 3 and 4. Timings
will be guaranteed if these capacitances are respected. Higher capacitance values can
be used, but timings will then be degraded.
Table 4. Load Capacitance Versus Speed Range, in pF
Table 63 gives the description of each AC symbols.
Table 64. gives for each range the AC parameter.
Table 65. gives the frequency derat ing formula of the AC parameter. To calculat e each
AC symbols, take the x value corresponding to the speed grade you need ( -L) and
replace this value in the formula. Values of the frequency must be limited to the corre-
sponding speed grade:
Table 5. Max frequency for Derat ing Formula Regarding the Speed Grade
Example:
T
XHDV in X2 mode for a -L part at 20 MHz (T = 1/20
E6 = 50 ns):
x = 133 (Table 65)
T = 50 ns
T
XHDV = 5T - x = 5 x 50 - 133 = 117 ns
-L
Port 1, 3 & 4
80
-L X1 Mode, VCC = 5V -L X2 Mode, VCC = 5V -L X1 Mode, VCC = 3V -L X2 Mode, VCC = 3V
Freq (MHz)
40
33
40
20
T (ns)
25
30
25
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com