Electronic Components Datasheet Search
  English  ▼

X  

AT49F002AT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT49F002AT
Description  2-megabit (256K x 8) 5-volt Only Flash Memory
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F002AT Datasheet(HTML) 2 Page - ATMEL Corporation

  AT49F002AT Datasheet HTML 1Page - ATMEL Corporation AT49F002AT Datasheet HTML 2Page - ATMEL Corporation AT49F002AT Datasheet HTML 3Page - ATMEL Corporation AT49F002AT Datasheet HTML 4Page - ATMEL Corporation AT49F002AT Datasheet HTML 5Page - ATMEL Corporation AT49F002AT Datasheet HTML 6Page - ATMEL Corporation AT49F002AT Datasheet HTML 7Page - ATMEL Corporation AT49F002AT Datasheet HTML 8Page - ATMEL Corporation AT49F002AT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
3354F–FLASH–2/05
AT49F002A(N)(T)
In the AT49F002A(N)(T), once the boot block programming lockout feature is enabled, the con-
tents of the boot block are permanent and cannot be changed. In the AT49F002A(T), once the
boot block programming lockout feature is enabled, the contents of the boot block cannot be
changed with input voltage levels of 5.5 volts or less.
2.
Pin Configurations
2.1
PLCC Top View
2.2
VSOP (8 x 14 mm) or TSOP Type 1 (8 x 20 mm) – Top View
Note:
*This pin is a NC on the AT49F002AN(T).
Pin Name
Function
A0 - A17
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
RESET
I/O0 - I/O7
Data Inputs/Outputs
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A11
A9
A8
A13
A14
A17
WE
VCC
* RESET
A16
A15
A12
A7
A6
A5
A4
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com