Electronic Components Datasheet Search
  English  ▼

X  

1042087 Datasheet(PDF) 7 Page - SICK AG

Part # 1042087
Description  PHOTOELECTRIC SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1042087 Datasheet(HTML) 7 Page - SICK AG

  1042087 Datasheet HTML 1Page - SICK AG 1042087 Datasheet HTML 2Page - SICK AG 1042087 Datasheet HTML 3Page - SICK AG 1042087 Datasheet HTML 4Page - SICK AG 1042087 Datasheet HTML 5Page - SICK AG 1042087 Datasheet HTML 6Page - SICK AG 1042087 Datasheet HTML 7Page - SICK AG 1042087 Datasheet HTML 8Page - SICK AG 1042087 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
WLG4S-3V2232 | W4S-3 Glass
PHOTOELECTRIC SENSORS
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M8, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0804-G02M
6009870
Head A: female connector, M8, 4-pin, straight
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-0804-G05M
6009872
Head A: female connector, M8, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-0804-W02M
6009871
Head A: female connector, M8, 4-pin, angled
Head B: cable
Cable: PVC, unshielded, 5 m
DOL-0804-W05M
6009873
Head A: female connector, M8, 4-pin, straight
Head B: -
Cable: unshielded
DOS-0804-G
6009974
Head A: female connector, M8, 4-pin, angled
Head B: -
Cable: unshielded
DOS-0804-W
6009975
Head A: male connector, M8, 4-pin, straight
Head B: -
Cable: unshielded
STE-0804-G
6037323
Reflectors
Rectangular, screw connection, 80 mm x 80 mm, PMMA/ABS, Screw-on, 2 hole mount-
ing
PL80A
1003865
Fine triple reflector, screw connection, suitable for laser sensors, 47 mm x 47 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
P250F
5308843
Fine triple reflector, screw connection, suitable for laser sensors, 18 mm x 18 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL10F
5311210
Fine triple reflector, screw connection, suitable for laser sensors, 38 mm x 16 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL20F
5308844
Fine triple reflector, screw connection, suitable for laser sensors, 56 mm x 28 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL30F
5326523
Fine triple reflector, screw connection, suitable for laser sensors, 76 mm x 45 mm, PM-
MA/ABS, Screw-on, 2 hole mounting
PL81-1F
5325060
Suitable for laser sensors, self-adhesive, cut, see alignment note, 56.3 mm x 56.3 mm,
self-adhesive
REF-AC1000-56
4063030
Fine triple reflector, chemically resistant, screw connection, 18 mm x 18 mm, Plastic,
Screw-on, 2 hole mounting
PL10F CHEM
5321636
Chemically resistant, screw connection, suitable for laser sensors, 16 mm x 38 mm,
Plastic, Screw-on, 2 hole mounting
PL20F-CHEM
5326089
2017-07-10 17:15:08 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com