Electronic Components Datasheet Search
  English  ▼

X  

FS32 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # FS32
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FS32 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  FS32 Datasheet HTML 1Page - GOOD-ARK Electronics FS32 Datasheet HTML 2Page - GOOD-ARK Electronics FS32 Datasheet HTML 3Page - GOOD-ARK Electronics FS32 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FS32 thru FS345
Surface Mount Schottky Rectifier
Reverse Voltage 20~45V Forward Current 3A
Features
• Super Low VF Schottky barrier diodes
• Very low profile - typical height of 1.0 mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies and other consumer applications.
VRRM
V
VRMS
V
VDC
V
IF(AV)
1)
IF(AV)
2)
IFSM
A
TJ
°C
TSTG
°C
Maximum instantaneous
forward voltage
IF=3A,TA=25℃
VF
Volts
TA=25℃
uA
TA=125℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
juntion to mount1)
RθJM
juntion to ambient2)
RθJA
Note:1),The thermal resistance from junction to mount,mounted on aluminum P.C.B with recommended copper pads
2),The thermal resistance from junction to ambient,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
Unit
0.51
Maximum DC reverse current
at rated DC blocking voltage
IR
30
10
195
30
℃/W
100
Storage temperature range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
FS32
FS33
FS34
FS345
A
2.0
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
60
Operating junction temperature range
- 55 to + 150
Maximum average forward rectified current
3.0
Maximum DC blocking voltage
20
30
40
45
Maximum repetitive peak reverse voltage
20
30
40
45
Maximum RMS voltage
14
21
28
31.5
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
FS32
FS33
FS34
FS345
Unit
eSGA
(SOD-123FL)
www.goodark.com
1/4
2014.07-Rev.B


Similar Part No. - FS32

ManufacturerPart #DatasheetDescription
logo
Littelfuse
FS324 LITTELFUSE-FS324 Datasheet
364Kb / 2P
Flashers and Tower Lighting Controls
2016 Rev: 1-A-062316
logo
Baumer IVO GmbH & Co. K...
FS324.550AA3B IVO-FS324.550AA3B Datasheet
507Kb / 4P
Preset counters electromechanic
FS324.550AA5B IVO-FS324.550AA5B Datasheet
507Kb / 4P
Preset counters electromechanic
FS324.550AA8B IVO-FS324.550AA8B Datasheet
507Kb / 4P
Preset counters electromechanic
FS324.550AA9B IVO-FS324.550AA9B Datasheet
507Kb / 4P
Preset counters electromechanic
More results

Similar Description - FS32

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com