Electronic Components Datasheet Search
  English  ▼

X  

FS36 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # FS36
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

FS36 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  FS36 Datasheet HTML 1Page - GOOD-ARK Electronics FS36 Datasheet HTML 2Page - GOOD-ARK Electronics FS36 Datasheet HTML 3Page - GOOD-ARK Electronics FS36 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FS36
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 3A
Features
• Super Low VF Schottky barrier diodes
• Very low profile - typical height of 1.0 mm
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• AEC-Q101 qualified
• High temperature soldering guaranteed: 260℃/10 seconds
• Halogen-free according to IEC 61249-2-21 definition
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies and other consumer applications.
VRRM
V
VRMS
V
VDC
V
IF(AV)
1)
A
IF(AV)
2)
IFSM
A
TJ
°C
TSTG
°C
Maximum instantaneous
forward voltage
IF=3A,TA=25℃
VF
Volts
TA=25℃
uA
TA=125℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
juntion to mount1)
RθJM
juntion to ambient2)
RθJA
Note:1),The thermal resistance from junction to mount,mounted on aluminum P.C.B with recommended copper pads
2)The thermal resistance from junction to ambient,mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
30
℃/W
100
135
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
FS36
Unit
0.65
Maximum DC reverse current
at rated DC blocking voltage
IR
200
30
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
60
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150
Maximum RMS voltage
42
Maximum DC blocking voltage
60
Maximum average forward rectified current
3.0
2.0
Maximum repetitive peak reverse voltage
60
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
FS36
Unit
eSGA
(SOD-123FL)
www.goodark.com
1/4
2014.11-Rev.A


Similar Part No. - FS36

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FS36-030 TRIAD-FS36-030 Datasheet
78Kb / 1P
FS36-030
logo
List of Unclassifed Man...
FS36-030 ETC2-FS36-030 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS36-030-C2 TRIAD-FS36-030-C2 Datasheet
55Kb / 1P
CLASS 3 TRANSFORMER
FS36-030 TRIAD-FS36-030_13 Datasheet
88Kb / 1P
PC MOUNT : SPLIT PACK
FS36-065 TRIAD-FS36-065 Datasheet
88Kb / 1P
PC MOUNT : SPLIT PACK
More results

Similar Description - FS36

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com