Electronic Components Datasheet Search
  English  ▼

X  

LS26 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LS26
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS26 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LS26 Datasheet HTML 1Page - GOOD-ARK Electronics LS26 Datasheet HTML 2Page - GOOD-ARK Electronics LS26 Datasheet HTML 3Page - GOOD-ARK Electronics LS26 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS26
Surface Mount Schottky Rectifier
Reverse Voltage 60V Forward Current 2A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
TJ, TSTG
°C
IF=1A, TA=25℃
IF=2A, TA=25℃
IF=2A, TA=125℃
TA=25℃
TA=125℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
juntion to mount
RθJM1)
℃/W
Note1:Thermal resistance from junction to mount,mounted on PCB with 8.0×8.0mm copper pads
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LS26
Unit
Maximum repetitive peak reverse voltage
60
Maximum RMS voltage
42
Maximum DC blocking voltage
60
Maximum average forward rectified current
2.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
50
Operating junction and storage temperature
range
- 55 to + 150
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions Symbol
MIN
TYP
MAX
Unit
mA
50
Maximum instantaneous
forward voltage
VF
-
0.48
0.60
Volts
-
0.58
0.70
-
0.53
-
Maximum DC reverse
current at rated DC blocking
voltage
IR
0.5
110
20
eSGB (SMAF)
www.goodark.com
1/4
2014.03-Rev.A


Similar Part No. - LS26

ManufacturerPart #DatasheetDescription
logo
SAMYANG ELECTRONICS CO....
LS26 SAMYANG-LS26 Datasheet
931Kb / 2P
SCHOTTKY BARRIE R RECTIFIER
logo
saftbatteries
LS26500 SAFT-LS26500 Datasheet
467Kb / 2P
3.6 V Primary lithium-thionyl chloride High energy density C-size bobbin cell
logo
Power-One
LS2660-7R POWER-ONE-LS2660-7R Datasheet
66Kb / 4P
100 Watt AC-DC Converters
logo
GOOD-ARK Electronics
LS26 GOOD-ARK-LS26_15 Datasheet
204Kb / 4P
Surface Mount Schottky Rectifier Reverse Voltage 60V Forward Current 2A
More results

Similar Description - LS26

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com