Electronic Components Datasheet Search
  English  ▼

X  

LS35 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # LS35
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS35 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  LS35 Datasheet HTML 1Page - GOOD-ARK Electronics LS35 Datasheet HTML 2Page - GOOD-ARK Electronics LS35 Datasheet HTML 3Page - GOOD-ARK Electronics LS35 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LS32 thru LS35
Surface Mount Schottky Rectifier
Reverse Voltage 20~50V Forward Current 3A
Features
• Schottky barrier diodes
• Low forward voltage drop
• Low leakage current
• Moisture sensitivity: level 1, per J-STD-020
• Solder dip 260 °C, 10 s
• Low profile, typical thickness 1.0mm
• AEC-Q101 qualified
Typical Applications
For use in low voltage,high freqency inverters,free wheeling, and polarity
protection application
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
TJ, TSTG
°C
Maximum Instantaneous
forward voltage
IF=3A, TA=25℃
VF
Volts
TA=25℃
TA=125℃
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
juntion to case
RθJC
juntion to lead
RθJL
Note1:Thermal resistance from junction to case and lead,mounted on PCB with 8.0×8.0mm copper pads
234
Typical thermal resistance1)
50
℃/W
35
0.52
Maximum DC reverse current
at rated DC blocking voltage
IR
0.2
mA
15
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
LS32
LS33
LS34
LS345
LS35
Unit
Maximum average forward rectified current at TL
(See Fig.1)
3.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
100
Operating junction and storage temperature range
- 55 to + 150
50
Maximum RMS voltage
14
21
28
31.5
35
Maximum DC blocking voltage
20
30
40
45
50
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
LS32
LS33
LS34
LS345
LS35
Unit
Maximum repetitive peak reverse voltage
20
30
40
45
eSGB (SMAF)
www.goodark.com
1/4
2014.8-Rev.B


Similar Part No. - LS35

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS35 RSG-LS35 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
CITIZEN ELECTRONICS CO....
LS35 CITIZEN-LS35 Datasheet
383Kb / 1P
Non-illuminated/Vertical Type
logo
First Silicon Co., Ltd
LS35 FS-LS35 Datasheet
132Kb / 2P
Schottky Rectifier
logo
RSG Electronic Componen...
LS35-12 RSG-LS35-12 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS35-12 TDK-LS35-12 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
More results

Similar Description - LS35

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com