Electronic Components Datasheet Search
  English  ▼

X  

BQ24007 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ24007
Description  SINGLE CELL LI ION CHARGE MANAGEMENT IC WITH TIMER ENABLE FOR PDAS AND INTERNET APPLIANCES
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24007 Datasheet(HTML) 1 Page - Texas Instruments

  BQ24007 Datasheet HTML 1Page - Texas Instruments BQ24007 Datasheet HTML 2Page - Texas Instruments BQ24007 Datasheet HTML 3Page - Texas Instruments BQ24007 Datasheet HTML 4Page - Texas Instruments BQ24007 Datasheet HTML 5Page - Texas Instruments BQ24007 Datasheet HTML 6Page - Texas Instruments BQ24007 Datasheet HTML 7Page - Texas Instruments BQ24007 Datasheet HTML 8Page - Texas Instruments BQ24007 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
bq24007
bq24008
SLUS479D − JANUARY 2001 − REVISED NOVEMBER 2004
SINGLECELL LiION CHARGE MANAGEMENT IC WITH
TIMERENABLE FOR PDAs AND INTERNET APPLIANCES
FEATURES
D Highly Integrated Solution With FET Pass
Transistor and Reverse-Blocking Schottky
and Thermal Protection
D Timer-Enable Function That Allows Host to
Disable Charge Timer and Termination When
Charge Current Is Shared With a Load or
When Battery Is Absent
D Integrated Voltage and Current Regulation
With Programmable Charge Current
D High-Accuracy Voltage Regulation (±1%)
D Ideal for Low-Dropout Linear Charger
Designs for Single-Cell Li-Ion Packs With
Coke or Graphite Anodes
D Up to 1.2-A Continuous Charge Current
D Safety-Charge Timer During Preconditioning
and Fast Charge
D Integrated Cell Conditioning for Reviving
Deeply Discharged Cells and Minimizing Heat
Dissipation During Initial Stage of Charge
D Optional Temperature or Input-Power
Monitoring Before and During Charge
D Various Charge-Status Output Options for
Driving Single, Double, or Bicolor LEDs or
Host-Processor Interface
D Charge Termination by Minimum Current and
Time
D Low-Power Sleep Mode
D Packaging: 5 mm × 5 mm MLP (bq24007)or
20-Lead TSSOP PowerPAD
APPLICATIONS
D PDAs
D Internet Appliances
D MP3 Players
D Digital Cameras
DESCRIPTION
The bq2400x series ICs are advanced Li-Ion linear
charge management devices for highly integrated and
space-limited
applications.
They
combine
high-
accuracy current and voltage regulation; FET pass-
transistor and reverse-blocking Schottky; battery
conditioning, temperature, or input-power monitoring;
charge termination; charge-status indication; and
charge timer in a small package.
The bq24007 and bq24008 provide the timer-enable
function, allowing the host to disable the charge timer
when charge current is shared with a load or when the
battery is absent. This feature is ideal for applications
such
as
cellular
phones,
PDAs,
and
internet
appliances.
The bq2400x measures battery temperature using an
external thermistor. For safety reasons, the bq2400x
inhibits charge until the battery temperature is within the
user-defined thresholds. Alternatively, the user can
monitor the input voltage to qualify charge. The
bq2400x series then charge the battery in three phases:
preconditioning,
constant
current,
and
constant
voltage. If the battery voltage is below the internal
low-voltage threshold, the bq2400x uses low-current
precharge to condition the battery. A preconditioning
timer
provides
additional
safety.
Following
pre-
conditioning, the bq2400x applies a constant-charge
current to the battery. An external sense-resistor sets
the magnitude of the current. The constant-current
phase is maintained until the battery reaches the
charge-regulation
voltage.
The
bq2400x
then
transitions to the constant voltage phase. The user can
configure the device for cells with either coke or
graphite anodes. The accuracy of the voltage regulation
is better than
±1% over the operating junction
temperature and supply voltage range.
Charge is terminated by maximum time or minimum
taper current detection
The bq2400x automatically restarts the charge if the
battery voltage falls below an internal recharge
threshold.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002 − 2004, Texas Instruments Incorporated


Similar Part No. - BQ24007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24007PWP TI2-BQ24007PWP Datasheet
969Kb / 30P
SINGLE-CELL Li-ION CHARGE MANAGEMENT IC WITH TIMER-ENABLE FOR PDAs AND INTERNET APPLIANCES
REVISED NOVEMBER 2004
BQ24007RGW TI2-BQ24007RGW Datasheet
969Kb / 30P
SINGLE-CELL Li-ION CHARGE MANAGEMENT IC WITH TIMER-ENABLE FOR PDAs AND INTERNET APPLIANCES
REVISED NOVEMBER 2004
More results

Similar Description - BQ24007

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24004 TI-BQ24004 Datasheet
174Kb / 22P
TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
TPS65810 TI-TPS65810 Datasheet
1Mb / 94P
SINGLE-CELL Li-ION BATTERY- AND POWER-MANAGEMENT IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24001 TI1-BQ24001_12 Datasheet
881Kb / 31P
SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
TWO-CELL Li-ION CHARGE MANAGEMENT IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
Single-Chip, Li-Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com