Electronic Components Datasheet Search
  English  ▼

X  

BC558BRL Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC558BRL
Description  Amplifier Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC558BRL Datasheet(HTML) 2 Page - ON Semiconductor

  BC558BRL Datasheet HTML 1Page - ON Semiconductor BC558BRL Datasheet HTML 2Page - ON Semiconductor BC558BRL Datasheet HTML 3Page - ON Semiconductor BC558BRL Datasheet HTML 4Page - ON Semiconductor BC558BRL Datasheet HTML 5Page - ON Semiconductor BC558BRL Datasheet HTML 6Page - ON Semiconductor BC558BRL Datasheet HTML 7Page - ON Semiconductor BC558BRL Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BC556B, BC557, A, B, C, BC558B, C
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = –2.0 mAdc, IB = 0)
BC556
BC557
BC558
V(BR)CEO
–65
–45
–30
–
–
–
–
–
–
V
Collector–Base Breakdown Voltage
(IC = –100 µAdc)
BC556
BC557
BC558
V(BR)CBO
–80
–50
–30
–
–
–
–
–
–
V
Emitter–Base Breakdown Voltage
(IE = –100 mAdc, IC = 0)
BC556
BC557
BC558
V(BR)EBO
–5.0
–5.0
–5.0
–
–
–
–
–
–
V
Collector–Emitter Leakage Current
(VCES = –40 V)
BC556
(VCES = –20 V)
BC557
BC558
(VCES = –20 V, TA = 125°C)
BC556
BC557
BC558
ICES
–
–
–
–
–
–
–2.0
–2.0
–2.0
–
–
–
–100
–100
–100
–4.0
–4.0
–4.0
nA
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com