Electronic Components Datasheet Search
  English  ▼

X  

BUZ905 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BUZ905
Description  NEW PRODUCT UNDER DEVELOPMENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BUZ905 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BUZ905 Datasheet HTML 1Page - List of Unclassifed Manufacturers BUZ905 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
* Pulse Test: Pulse Width = 300
µS , Duty Cycle ≤ 2%
Characteristic
Test Conditions
Min.
Typ.
Max. Unit
VGS = 10V
ID = –10mA
VDS = 0
IG = ±100µA
VDS = –10V
ID = –100mA
VGD = 0
ID = –32A
VGS = 10V
VDS = –160V
VDS = –200V
VDS = –10V
ID = –5A
VDS = –10V
f = 1MHz
VDS = –20V
ID = –7A
Drain – Source Breakdown Voltage
Gate – Source Breakdown Voltage
Gate – Source Cut–Off Voltage
Drain – Source Saturation Voltage
Drain – Source Cut–Off Current
Forward Transfer Admittance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn–on Time
Turn-off Time
BVDSX
BVGSS
VGS(OFF)
VDS(SAT)*
IDSX
yfs*
Ciss
Coss
Crss
ton
toff
V
V
V
V
mA
mA
S
pF
nS
ELECTRICAL RATINGS (T
case = 25°C unless otherwise stated)
Prelim. 4/94
–160
–200
±14
–0.1
–1.5
–12
–10
–10
2
6
TBE
TBE
TBE
TBE
TBE
TEC
MAGNA
Magnatec. Telephone (0455) 554711. Telex: 341927. Fax (0455) 552612.
G
S
D
BUZ905X4S
BUZ906X4S
NEW PRODUCT UNDER DEVELOPMENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com