Electronic Components Datasheet Search
  English  ▼

X  

PS13 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # PS13
Description  Surface Mount Schottky Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

PS13 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  PS13 Datasheet HTML 1Page - GOOD-ARK Electronics PS13 Datasheet HTML 2Page - GOOD-ARK Electronics PS13 Datasheet HTML 3Page - GOOD-ARK Electronics PS13 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PS12 thru PS14
Surface Mount Schottky Rectifier
Reverse Voltage 20~40V Forward Current 1.0A
Features
• Heatsink structure
• Low profile, typical thickness 0.8mm
• Super Low VF Schottky barrier diodes
• Moisture sensitivity: level 1, per J-STD-020
• High temperature soldering guaranteed: 260℃/10 seconds
Typical Applications
For use of fast swiching in RF module, lighting, cellular phone, portable device,
power supplies and other consumer applications.
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IFSM
A
I
2t
A
2sec
TJ
°C
TSTG
°C
Minimum Breakdown voltage
Ta=25℃,IR=1mA
VBR
IF=1A,Ta=25℃
IF=1A,Ta=75℃
Ta=25℃
uA
Ta=75℃
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
pF
Typical thermal resistance
juntion to ambient
RθJA1)
juntion to lead
RθJL1)
juntion to case
RθJC2)
Note:1),The thermal resistance from junction to ambient or lead, mounted on P.C.B with 5×5mm copper pads,2 OZ,FR4 PCB
2),The thermal resistance from junction to case, mounted on P.C.B with recommended copper pads,2 OZ,FR4 PCB
Maximum Ratings (TA = 25 °C unless otherwise noted)
Parameter
Symbol
PS12
PS13
PS14
Unit
Maximum repetitive peak reverse voltage
20
30
40
Maximum RMS voltage
14
21
28
Maximum DC blocking voltage
20
30
40
Maximum average forward rectified current
1.0
Peak forward surge current 8.3 ms single half sine-
wave superimposed on rated load
30
Operating junction temperature range
- 55 to + 150
Storage temperature range
- 55 to + 150
Rating for fusing(t<8.3ms)
4
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Parameter
Test Conditions
Symbol
PS12
PS13
PS14
Unit
0.50
Maximum DC reverse current
at rated DC blocking voltage
IR
50
1
51.2
65
℃/W
9
35
20
30
40
Maximum instantaneous
forward voltage
Volts
VF
0.50
iSGA
(SOD-123HS)
www.goodark.com
1/4
2016.05-Rev.A


Similar Part No. - PS13

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PS1307 PREMO-PS1307 Datasheet
106Kb / 5P
SMD Power Inductors Shielded
PS1307-100M PREMO-PS1307-100M Datasheet
106Kb / 5P
SMD Power Inductors Shielded
PS1307-101M PREMO-PS1307-101M Datasheet
106Kb / 5P
SMD Power Inductors Shielded
PS1307-102M PREMO-PS1307-102M Datasheet
106Kb / 5P
SMD Power Inductors Shielded
PS1307-150M PREMO-PS1307-150M Datasheet
106Kb / 5P
SMD Power Inductors Shielded
More results

Similar Description - PS13

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
DSK12 WINNERJOIN-DSK12 Datasheet
64Kb / 2P
Surface Mount Schottky rectifier
logo
Surge Components
LS56 SURGE-LS56 Datasheet
156Kb / 3P
Surface Mount Schottky Rectifier
logo
Vishay Siliconix
SL02 VISHAY-SL02_15 Datasheet
84Kb / 5P
Schottky Rectifier Surface Mount
05-Sep-14
logo
GOOD-ARK Electronics
LSL27T GOOD-ARK-LSL27T Datasheet
370Kb / 4P
Surface Mount Schottky Rectifier
PS1150 GOOD-ARK-PS1150 Datasheet
434Kb / 4P
Surface Mount Schottky Rectifier
PS3100 GOOD-ARK-PS3100 Datasheet
450Kb / 4P
Surface Mount Schottky Rectifier
PSL26 GOOD-ARK-PSL26 Datasheet
452Kb / 4P
Surface Mount Schottky Rectifier
FS2B5H GOOD-ARK-FS2B5H Datasheet
360Kb / 4P
Surface Mount Schottky Rectifier
logo
Yangzhou yangjie electr...
SS52BQ YANGJIE-SS52BQ Datasheet
229Kb / 4P
Surface Mount Schottky Rectifier
SS52Q YANGJIE-SS52Q Datasheet
247Kb / 4P
Surface Mount Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com