Electronic Components Datasheet Search
  English  ▼

X  

AD9211 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9211
Description  1.8 V Analog-to-Digital Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9211 Datasheet(HTML) 1 Page - Analog Devices

  AD9211 Datasheet HTML 1Page - Analog Devices AD9211 Datasheet HTML 2Page - Analog Devices AD9211 Datasheet HTML 3Page - Analog Devices AD9211 Datasheet HTML 4Page - Analog Devices AD9211 Datasheet HTML 5Page - Analog Devices AD9211 Datasheet HTML 6Page - Analog Devices AD9211 Datasheet HTML 7Page - Analog Devices AD9211 Datasheet HTML 8Page - Analog Devices AD9211 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
10-Bit, 200 MSPS/250 MSPS/300 MSPS,
1.8 V Analog-to-Digital Converter
AD9211
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 60.1 dBFS @ fIN up to 70 MHz @ 300 MSPS
ENOB of 9.7 @ fIN up to 70 MHz @ 300 MSPS (−1.0 dBFS)
SFDR = −80 dBc @ fIN up to 70 MHz @ 300 MSPS (−1.0 dBFS)
Excellent linearity
DNL = ±0.1 LSB typical
INL = ±0.2 LSB typical
LVDS at 300 MSPS (ANSI-644 levels)
700 MHz full power analog bandwidth
On-chip reference, no external decoupling required
Integrated input buffer and track-and-hold
Low power dissipation
437 mW @ 300 MSPS—LVDS SDR mode
410 mW @ 300 MSPS—LVDS DDR mode
Programmable input voltage range
1.0 V to 1.5 V, 1.25 V nominal
1.8 V analog and digital supply operation
Selectable output data format (offset binary, twos
complement, Gray code)
Clock duty cycle stabilizer
Integrated data capture clock
APPLICATIONS
Wireless and wired broadband communications
Cable reverse path
Communications test equipment
Radar and satellite subsystems
Power amplifier linearization
FUNCTIONAL BLOCK DIAGRAM
AGND
AVDD (1.8V)
VIN+
VIN–
TRACK-AND-HOLD
REFERENCE
ADC
10-BIT
CORE
OUTPUT
STAGING
LVDS
CLK+
CLK–
CLOCK
MANAGEMENT
SERIAL PORT
RESET SCLK SDIO CSB
DCO–
DCO+
OR–
OR+
D9 TO D0
DGND
DRVDD
10
10
AD9211
PWDN
RBIAS
Figure 1.
GENERAL DESCRIPTION
The AD9211 is a 10-bit monolithic sampling analog-to-digital
converter optimized for high performance, low power, and ease
of use. The product operates at up to a 300 MSPS conversion
rate and is optimized for outstanding dynamic performance
in wideband carrier and broadband systems. All necessary
functions, including a track-and-hold (T/H) and voltage
reference, are included on the chip to provide a complete
signal conversion solution.
The ADC requires a 1.8 V analog voltage supply and a
differential clock for full performance operation. The digital
outputs are LVDS (ANSI-644) compatible and support either
twos complement, offset binary format, or Gray code. A data
clock output is available for proper output data timing.
Fabricated on an advanced CMOS process, the AD9211 is
available in a 56-lead LFCSP, specified over the industrial
temperature range (−40°C to +85°C).
PRODUCT HIGHLIGHTS
1.
High Performance—Maintains 60.1 dBFS SNR @
300 MSPS with a 70 MHz input.
2.
Low Power—Consumes only 410 mW @ 300 MSPS.
3.
Ease of Use—LVDS output data and output clock signal
allow interface to current FPGA technology. The on-chip
reference and sample-and-hold provide flexibility in
system design. Use of a single 1.8 V supply simplifies
system power supply design.
4.
Serial Port Control—Standard serial port interface
supports various product functions, such as data
formatting, disabling the clock duty cycle stabilizer, power-
down, gain adjust, and output test pattern generation.
5.
Pin-Compatible Family—12-bit pin-compatible family
offered as AD9230.


Similar Part No. - AD9211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9211 AD-AD9211 Datasheet
296Kb / 21P
10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
AD9211 AD-AD9211 Datasheet
1Mb / 28P
10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9211-170EB AD-AD9211-170EB Datasheet
296Kb / 21P
10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
AD9211-200EB AD-AD9211-200EB Datasheet
296Kb / 21P
10-Bit, 170/200/250 MSPS 1.8 V A/D Converter
AD9211-200EBZ AD-AD9211-200EBZ Datasheet
1Mb / 28P
10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results

Similar Description - AD9211

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9681 AD-AD9681_17 Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. C
AD9257 AD-AD9257_17 Datasheet
1Mb / 41P
1.8 V Analog-to-Digital Converter
Rev. A
AD9266 AD-AD9266_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. B
AD9634 AD-AD9634_17 Datasheet
1Mb / 31P
1.8 V Analog-to-Digital Converter
10-May-2017
AD9635 AD-AD9635_17 Datasheet
995Kb / 37P
1.8 V Analog-to-Digital Converter
23-Feb-2017
AD9637 AD-AD9637_17 Datasheet
1,012Kb / 41P
1.8 V Analog-to-Digital Converter
09-Jun-2017
AD9230 AD-AD9230_17 Datasheet
1Mb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9601 AD-AD9601_17 Datasheet
972Kb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9626 AD-AD9626_17 Datasheet
1Mb / 37P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9246 AD-AD9246_17 Datasheet
1,007Kb / 45P
1.8 V Analog-to-Digital Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com