Electronic Components Datasheet Search
  English  ▼

X  

AD9258 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9258
Description  Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9258 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9258 Datasheet HTML 28Page - Analog Devices AD9258 Datasheet HTML 29Page - Analog Devices AD9258 Datasheet HTML 30Page - Analog Devices AD9258 Datasheet HTML 31Page - Analog Devices AD9258 Datasheet HTML 32Page - Analog Devices AD9258 Datasheet HTML 33Page - Analog Devices AD9258 Datasheet HTML 34Page - Analog Devices AD9258 Datasheet HTML 35Page - Analog Devices AD9258 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
AD9258
Rev. A | Page 31 of 44
In some applications, it may be acceptable to drive the sample
clock inputs with a single-ended CMOS signal. In such applica-
tions, the CLK+ pin should be driven directly from a CMOS gate,
and the CLK− pin should be bypassed to ground with a 0.1 μF
capacitor (see Figure 79).
OPTIONAL
100
Ω
0.1µF
0.1µF
0.1µF
50
Ω1
150
Ω RESISTOR IS OPTIONAL.
CLK–
CLK+
VCC
1k
Ω
1k
Ω
CLOCK
INPUT
AD951x
CMOS DRIVER
ADC
AD9258
Figure 79. Single-Ended 1.8 V CMOS Input Clock (Up to 200 MHz)
Input Clock Divider
The AD9258 contains an input clock divider with the ability to
divide the input clock by integer values between 1 and 8. For
divide ratios of 1, 2, or 4, the duty cycle stabilizer (DCS) is
optional. For other divide ratios, divide by 3, 5, 6, 7, and 8, the
duty cycle stabilizer must be enabled for proper part operation.
The AD9258 clock divider can be synchronized using the external
SYNC input. Bit 1 and Bit 2 of Register 0x100 allow the clock
divider to be resynchronized on every SYNC signal or only on
the first SYNC signal after the register is written. A valid SYNC
causes the clock divider to reset to its initial state. This synchro-
nization feature allows multiple parts to have their clock dividers
aligned to guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate
a variety of internal timing signals and, as a result, may be
sensitive to clock duty cycle. The AD9258 requires a tight
tolerance on the clock duty cycle to maintain dynamic
performance characteristics.
The AD9258 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock signal
with a nominal 50% duty cycle. This allows the user to provide
a wide range of clock input duty cycles without affecting the perfor-
mance of the AD9258. Noise and distortion performance are
nearly flat for a wide range of duty cycles with the DCS enabled.
Jitter in the rising edge of the input is still of paramount concern
and is not easily reduced by the internal stabilization circuit. The
duty cycle control loop does not function for clock rates of less
than 20 MHz, nominally. The loop has a time constant associated
with it that must be considered in applications in which the clock
rate can change dynamically. A wait time of 1.5 μs to 5 μs is
required after a dynamic clock frequency increase or decrease
before the DCS loop is relocked to the input signal. During the
time period that the loop is not locked, the DCS loop is bypassed,
and internal device timing is dependent on the duty cycle of the
input clock signal. In such applications, it may be appropriate to
disable the duty cycle stabilizer. In all other applications, enabling
the DCS circuit is recommended to maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. For inputs near full scale, the degradation in
SNR from the low frequency SNR (SNRLF) at a given input
frequency (fINPUT) due to jitter (tJRMS) can be calculated by
SNRHF = −10 log[(2π × fINPUT × tJRMS)2 + 10
]
)
10
/
(
LF
SNR
−
In the equation, the rms aperture jitter represents the clock input
jitter specification. IF undersampling applications are particularly
sensitive to jitter, as illustrated in Figure 80. The measured curve in
Figure 80 was taken using an ADC clock source with approxi-
mately 65 fs of jitter, which combines with the 70 fs of jitter
inherent in the AD9258 to produce the result shown.
80
75
70
65
60
55
50
1
10
100
1k
INPUT FREQUENCY (MHz)
MEASURED
0.05ps
0.20ps
0.50ps
1.00ps
1.50ps
Figure 80. SNR vs. Input Frequency and Jitter
The clock input should be treated as an analog signal in cases in
which aperture jitter may affect the dynamic range of the AD9258.
Power supplies for clock drivers should be separated from the
ADC output driver supplies to avoid modulating the clock signal
with digital noise. Low jitter, crystal-controlled oscillators make
the best clock sources. If the clock is generated from another type of
source (by gating, dividing, or another method), it should be
retimed by the original clock at the last step.
Refer to the AN-501 Application Note and the AN-756 Application
Note (visit www.analog.com) for more information about jitter
performance as it relates to ADCs.
CHANNEL/CHIP SYNCHRONIZATION
The AD9258 has a SYNC input that offers the user flexible
synchronization options for synchronizing the clock divider.
The clock divider sync feature is useful for guaranteeing synchro-
nized sample clocks across multiple ADCs. The input clock
divider can be enabled to synchronize on a single occurrence of
the SYNC signal or on every occurrence.
The SYNC input is internally synchronized to the sample clock;
however, to ensure that there is no timing uncertainty between
multiple parts, the SYNC input signal should be externally
synchronized to the input clock signal, meeting the setup and
hold times shown in Table 5. The SYNC input should be driven
using a single-ended CMOS-type signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com