Electronic Components Datasheet Search
  English  ▼

X  

AD9268 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9268
Description  1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9268_17 Datasheet HTML 2Page - Analog Devices AD9268_17 Datasheet HTML 3Page - Analog Devices AD9268_17 Datasheet HTML 4Page - Analog Devices AD9268_17 Datasheet HTML 5Page - Analog Devices AD9268_17 Datasheet HTML 6Page - Analog Devices AD9268_17 Datasheet HTML 7Page - Analog Devices AD9268_17 Datasheet HTML 8Page - Analog Devices AD9268_17 Datasheet HTML 9Page - Analog Devices AD9268_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
AD9268
Rev. A | Page 5 of 44
AD9268BCPZ-80
AD9268BCPZ-105
AD9268BCPZ-125
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
POWER CONSUMPTION
DC Input
Full
420
450
565
590
750
777
mW
Sine Wave Input1
(DRVDD = 1.8 V
CMOS Output
Mode)
Full
485
608
800
mW
Sine Wave Input1
(DRVDD = 1.8 V
LVDS Output
Mode)
Full
582
685
870
mW
Standby Power3
Full
45
45
45
mW
Power-Down Power
Full
0.5
2.5
0.5
2.5
0.5
2.5
mW
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND.
3 Standby power is measured with a dc input and with the CLK pins inactive (set to AVDD or AGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com