Electronic Components Datasheet Search
  English  ▼

X  

AD9267EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9267EBZ
Description  Dual Continuous Time Sigma-Delta Modulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9267EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9267EBZ Datasheet HTML 14Page - Analog Devices AD9267EBZ Datasheet HTML 15Page - Analog Devices AD9267EBZ Datasheet HTML 16Page - Analog Devices AD9267EBZ Datasheet HTML 17Page - Analog Devices AD9267EBZ Datasheet HTML 18Page - Analog Devices AD9267EBZ Datasheet HTML 19Page - Analog Devices AD9267EBZ Datasheet HTML 20Page - Analog Devices AD9267EBZ Datasheet HTML 21Page - Analog Devices AD9267EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD9267
Rev. 0 | Page 17 of 24
Table 10. PLLMULTx Pins and PLL Multiplication Factor
PLLMULT[4:0] Pins
PLL Multiplication Factors (N)
0
8
1
9
2
10
3
12
4
14
5
15
6
16
7
17
8
18
9
20
10
21
11
24
12
25
13
28
14
30
15
32
16
34
17 to 30
42
31
Direct clocking
POWER DISSIPATION AND STANDBY MODE
The AD9267 consumes 415 mW. This power consumption can
be further reduced by configuring the chip in channel power-
down, standby, or sleep mode. The low power modes turn off
internal blocks of the chip including the reference. As a result,
the wake-up time is dependent on the amount of circuitry that
is turned off. Fewer internal circuits powered down result in
proportionally shorter wake-up time. The different low power
modes are shown in Table 11. In the standby mode, all clock
related activity is disabled in addition to each channel; the
references and LVDS outputs remain powered up to ensure a
short recovery and link integrity, respectively. During sleep
mode, all internal circuits are powered down, putting the device
into its lowest power mode; the LVDS outputs are disabled.
Each ADC channel can be independently powered down or
both channels can be set simultaneously by writing to the
channel index, Register 0x05[1:0]. Additionally, if the serial
port interface is not available, each channel can be indepen-
dently configured by tying the PDWNA (Pin 3) or PDWNB
(Pin 4) high.
Table 11. Low Power Modes
Mode
0x08[1:0]
Analog
Circuitry
Clock
Ref.
Normal
0x0
On
On
On
Channel Power-Down
0x1
Off
On
On
Standby
0x2
Off
Off
On
Sleep
0x3
Off
Off
Off
DIGITAL OUTPUTS
Digital Output Format
The AD9267 digital bus outputs twos complement, single data
rate, LVDS data at 640 MSPS. The output is four bits wide per
channel.
The AD9267 supports both the ANSI-644 and a reduced power
data format similar to the IEEE1596.3 standard. The default
configuration at power-up is ANSI-644. This can be changed to
a low power reduced signal option by addressing Register
0x14[7], DRVSTD.
The LVDS driver current is derived on chip and sets the output
current at each output equal to a nominal 3.5 mA for the ANSI-
644 standard. A 100 Ω differential termination resistor placed at
the LVDS receiver inputs result in a nominal 350 mV swing at
the receiver. In the reduced power data format, the output swing
is limited to 200 mV and the resulting output current into the
100 Ω termination is 2 mA. As a result of the reduced LVDS
voltage swing, an additional 25% digital power savings can be
achieved over the ANSI-644 standard.
The desired output format can be selected by addressing
Register 0x14[7], DRVSTD. The LVDSTERM bits, Register
0x15[5:4], provide either 100 Ω or 200 Ω, or no termination
at the output of the data bus. Selecting the appropriate termina-
tion resistor is important to allow maximum signal transfer and
to minimize reflections for signal integrity. This can be achieved
by selecting a termination resistor that impedance matches the
termination of the receiver.
Overrange (OR) Condition
An overrange condition can be triggered by large in-band signals
that exceed the full-scale range of the Σ-Δ modulator, or it
can be triggered by out-of-band signals gained by the transfer
characteristics of the modulator. Figure 43 shows the signal
transfer function of the Σ-Δ modulator. The modulator output
possesses out-of-band gain above 10 MHz. As a result, the input
signal may exceed full scale for input frequencies beyond 10 MHz
and the ADC may be in an overrange state. The OR±x pins
serve as indicators for the overrange condition.
The OR±x pins are synchronous outputs that are updated at the
output data rate. The pins indicate whether an overrange condi-
tion has occurred within the AD9267. Ideally, OR±x should be
latched on the falling edge of DCO± to ensure proper setup-and-
hold time. However, because an overrange condition typically
extends well beyond one clock cycle (that is, does not toggle at
the DCO± rate); data can usually be successfully detected on
the rising edge of DCO± or monitored asynchronously. The
user has the ability to select how the overrange condition is
reported and this is controlled through the SPI bits (AUTORST,
OR_IND1, and OR_IND2) in Register 0x111[7:5]. The two
modes of operation are normal and data valid mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com