Electronic Components Datasheet Search
  English  ▼

X  

CS61577-IP1 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # CS61577-IP1
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS61577-IP1 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button CS61577-IP1 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 23Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 24Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 25Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 26Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS61577-IP1 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
APPLICATIONS
Line Interface
Figures A1-A3 show typical T1 and E1 line inter-
face application circuits. Table A1 shows the
external components which are specific to each
application. Figure A1 illustrates a T1 interface in
the Host Mode. Figure A2 illustrates a 120
Ω E1
interface in the Hardware Mode. Figure A3 illus-
trates a 75
Ω E1 interface in the Extended
Hardware Mode.
The 1:2 receiver transformer has a grounded cen-
ter tap on the IC side. Resistors R1 and R2
between the RTIP and RRING pins to ground
provide the termination for the receive line. The
transmitter also uses a 1:2 transformer. A 0.47
µF
capacitor is required in series with the transmit
transformer primary. This capacitor is needed to
prevent any output stage imbalance from resulting
in a DC current through the transformer primary.
This current might saturate the transformer pro-
ducing an output offset level shift.
Control
&
Monitor
Frame
Format
Encoder/
Decoder
CS61577
IN
HOST
MODE
RECEIVE
LINE
TRANSMIT
LINE
28
1
12
11
5
7
6
8
3
4
2
9
10
XTL
RV+
+
68
µF
RGND
0.1
µF
+5V
21
15
+
1.0
µF
TGND
RV+
TV+
CLKE
ACLKI
LOS
DPM
MODE
RPOS
RNEG
RCLK
TPOS
TNEG
TCLK
XTALIN
XTALOUT
RGND
TGND
22
14
SCLK
CS
INT
SDI
SDO
RTIP
RRING
MTIP
MRING
TRING
TTIP
19
20
17
18
16
13
R1
R2
1
3
5
2
6
0.47
µF
2
6
1
5
1:2CT
PE-65351
2CT:1
PE-65351
µP
Serial
Port
27
26
23
24
25
+5V
100 k
Ω
Figure A1. T1 Host Mode Configuration
Frequency
MHz
Crystal
XTL
Cable
Ω
LEN2/1/0
R3
Ω
R1 and R2
Ω
1.544 (T1)
CXT6176
100
0/1/1 - 1/1/1
not used
200
2.048 (E1)
CXT8192
120
0/0/0
not used
240
75
0/0/0
4.4
150
0/0/1
not used
Table A1. External Component Values
CS61577
26
DS155PP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com