Electronic Components Datasheet Search
  English  ▼

X  

7810F Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 7810F
Description  Voltage Regulator in a TO-220F Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

7810F Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  7810F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 7810F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 7810F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 7810F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 7810F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 7810F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
7810F
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Input voltage
VI
35
V
Thernal Resistance Junction-ambient
RθJA
50
℃
/W
Thernal Resistance Junction-case
RθJC
5.0
℃
/W
Operating Junction Temperature Range
TOPR
0~125
℃
Storage temperature range
Tstg
-65~150
℃

参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Output voltage
VO
Tj=25℃
9.6
10
10.4
V
Vi=12.5V-26V
Io=5mA-1A
Po≤15W
9.5
10
10.5
V
Load Regulation
△
Vo
Tj=25℃
Io=5.0mA-1.5A
200
mV
Tj=25℃
Io=250mA-750mA
100
mV
Line regulation
△
Vo
Tj=25℃
Vi=12.5V-26V
200
mV
Tj=25℃
Vi=13.5V-19V
100
mV
Quiescent Current
Iq
Tj=25℃
8.0
mA
Quiescent Current Change
△
Iq
Vi=12.5V-26V
1.0
mA
Io=5.0mA-1.0A
0.5
mA
Output Voltage Drift
△
Vo/△T
Io=5.0mA
-1.0
mV/℃
Output Noise Voltage
eN
B=10Hz-100KHz
Tj=25℃
70
μV/Vo
Supply Voltage Rejection
SVR
Vi=13V-23V
f=120Hz
55
dB
Dropout Voltage
Vd
Io=1A
Tj=25℃
2.0
V
Output Resistance
Ro
f=1KHz
17
mΩ
Short Circuit Current
Isc
Vi=35V
Tj=25℃
0.40
A
Short Circuit Peak Current
Iscp
Tj=25℃
2.2
A
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com