Electronic Components Datasheet Search
  English  ▼

X  

SL25B Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SL25B
Description  Surface Mount Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SL25B Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SL25B Datasheet HTML 1Page - GOOD-ARK Electronics SL25B Datasheet HTML 2Page - GOOD-ARK Electronics SL25B Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
SL22B thru SL210B 
www.goodark.com                                  2 / 3
                                    rev.1 
 
ELECTRICAL CHARACTERISTICS
(TA = 25 °C unless otherwise noted)
PARAMETER
TEST
CONDITIONS
SYMBOL
SL22B
SL23B
SL24B
SL25B
SL26B
SL27B
SL28B
SL29B
SL210
B
UNIT
Maximum
instantaneous
forward voltage
IF=2 A
VF
0.42
0.47
0.72
V
Maximum DC
reverse current at
rated DC blocking
voltage
TA=25℃
IR
0.2
0.15
mA
TA=100℃
20
TBD
Typical junction
capacitance
4.0 V, 1 MHz
CJ
175
pF
THERMAL CHARACTERISTICS
(TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SL22B
SL23B
SL24B
SL25B
SL26B
SL27B
SL28B
SL29B
SL210B
UNIT
Maximum thermal
resistance
RθJA (1)
72
°C/W
RθJT (2)
22
RATINGS AND CHARACTERISTICS CURVES
(T
A = 25 °C unless otherwise noted)
Notes
: (1) Thermal resistance from junction to ambient,0.276×0.276〃(7.0×7.0mm)copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.276×0.276
〃(7.0×7.0mm)copper pads to each terminal
Figure 3. Typical Instantaneous Forward Characteristics 
Figure 4. Typical Reverse Characteristics 
Figure 1. Forward Current Derating Curve 
Figure 2.Maximum Non‐repetitive Peak Forward Surge 
Current 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com