Electronic Components Datasheet Search
  English  ▼

X  

ECCP201 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # ECCP201
Description  2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCP201 Datasheet(HTML) 1 Page - E-CMOS Corporation

  ECCP201 Datasheet HTML 1Page - E-CMOS Corporation ECCP201 Datasheet HTML 2Page - E-CMOS Corporation ECCP201 Datasheet HTML 3Page - E-CMOS Corporation ECCP201 Datasheet HTML 4Page - E-CMOS Corporation ECCP201 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2.0A Surface Mount General Purpose
Rectifiers - 50V-1000V
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 5
4L03N-Rev. F001
ECCP201-ECCP207
Features
◆Batch process design, excellent power dissipation offers better
reverse leakage current and thermal resistance.
◆Low profile surface mounted application in order to optimize
board space.
◆High current capability.
High surge capability.
Glass passivated chip junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "H" indicates Halogen-free parts, ex. ECCP201L1HR.
Mechanical Data
Epoxy : UL94-V0 rated flame retardant
Case : Molded plastic, DO-214AC / SMA
Terminals :Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.05 gram
Maximum ratings and Electrical Characteristics (At TA=25 oC unless otherwise noted)
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Forward rectified current
See Fig.2
IO
2.0
A
Forward surge current
8.3ms single half sine-wave (JEDEC methode)
IFSM
50
A
VR = VRRM TJ = 25
5
µ
A
Reverse current
VR = VRRM TJ = 125
IR
125
Diode junction
capacitance
f=1MHz and applied 4V DC reverse voltage
CJ
30
pF
Storage temperature
TSTG
-65
175


Similar Part No. - ECCP201

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY
ECCP301 E-CMOS-ECCP301 Datasheet
243Kb / 5P
3.0A Surface Mount General Purpose Rectifiers - 50V-1300V
ECCP301B E-CMOS-ECCP301B Datasheet
253Kb / 5P
3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP301BL1HR E-CMOS-ECCP301BL1HR Datasheet
253Kb / 5P
3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
ECCP301BL1R E-CMOS-ECCP301BL1R Datasheet
253Kb / 5P
3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
More results

Similar Description - ECCP201

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
FM4001L WILLAS-FM4001L Datasheet
282Kb / 4P
1.0A GENERAL PURPOSE RECTIFIERS - 50V- 1000V
logo
Formosa MS
RL201 FORMOSA-RL201 Datasheet
132Kb / 6P
2.0A Axial Leaded General Purpose Rectifiers-50V-1000V
logo
Taiwan Memory Technolog...
S1A TMT-S1A_16 Datasheet
364Kb / 4P
1A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
1A, 50V - 1000V Surface Mount Rectifiers
S2AA TMT-S2AA_16 Datasheet
365Kb / 4P
2A, 50V - 1000V Surface Mount Rectifiers
S3A TMT-S3A_16 Datasheet
359Kb / 4P
3A, 50V - 1000V Surface Mount Rectifiers
S4A TMT-S4A_16 Datasheet
359Kb / 4P
4A, 50V - 1000V Surface Mount Rectifiers
S5A TMT-S5A_16 Datasheet
359Kb / 4P
5A, 50V - 1000V Surface Mount Rectifiers
logo
Formosa MS
FM201-L FORMOSA-FM201-L_17 Datasheet
57Kb / 7P
2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
logo
E-CMOS Corporation
ECCP301B E-CMOS-ECCP301B Datasheet
253Kb / 5P
3.0A Surface Mount General Purpose Rectifiers - 50V-1000V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com