Electronic Components Datasheet Search
  English  ▼

X  

ECCP206 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # ECCP206
Description  2.0A Surface Mount General Purpose Rectifiers - 50V-1000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCP206 Datasheet(HTML) 4 Page - E-CMOS Corporation

  ECCP206 Datasheet HTML 1Page - E-CMOS Corporation ECCP206 Datasheet HTML 2Page - E-CMOS Corporation ECCP206 Datasheet HTML 3Page - E-CMOS Corporation ECCP206 Datasheet HTML 4Page - E-CMOS Corporation ECCP206 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2.0A Surface Mount General Purpose
Rectifiers - 50V-1000V
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 5
4L03N-Rev. F001
ECCP201-ECCP207
Marking
Part No
Marking
ECCP201L1R / ECCP201L1HR
A21
ECCP202L1R / ECCP202L1HR
A22
ECCP203L1R / ECCP203L1HR
A23
ECCP204L1R / ECCP204L1HR
A24
ECCP205L1R / / ECCP205L1HR
A25
ECCP206L1R / ECCP206L1HR
A26
ECCP207L1R / ECCP207L1HR
A27
H: Halogen free
Suggested solder pad layout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com