Electronic Components Datasheet Search
  English  ▼

X  

ECCP302 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECCP302
Description  3.0A Surface Mount General Purpose Rectifiers - 50V-1300V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCP302 Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECCP302 Datasheet HTML 1Page - E-CMOS Corporation ECCP302 Datasheet HTML 2Page - E-CMOS Corporation ECCP302 Datasheet HTML 3Page - E-CMOS Corporation ECCP302 Datasheet HTML 4Page - E-CMOS Corporation ECCP302 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.0A Surface Mount General Purpose
Rectifiers - 50V-1300V
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 5
4L04-Rev. F001
ECCP301-ECCP308
Rating and characteristic curves
SYMBOLS
*1
VRRM
(V)
*2
VRMS
(V)
*3
VR
(V)
*4
VF
(V)
Operating
temperature
T J, ( ℃)
ECCP301
50
35
50
ECCP302
100
70
100
ECCP303
200
140
200
ECCP304
400
280
400
ECCP305
600
420
600
ECCP306
800
560
800
ECCP307
1000
700
1000
ECCP308
1300
910
1300
1.10
-55 to +150



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com