Electronic Components Datasheet Search
  English  ▼

X  

139CLL Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 139CLL
Description  Aluminum Electrolytic Capacitors SMD (Chip) Long Life
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

139CLL Datasheet(HTML) 5 Page - Vishay Siliconix

  139CLL Datasheet HTML 1Page - Vishay Siliconix 139CLL Datasheet HTML 2Page - Vishay Siliconix 139CLL Datasheet HTML 3Page - Vishay Siliconix 139CLL Datasheet HTML 4Page - Vishay Siliconix 139CLL Datasheet HTML 5Page - Vishay Siliconix 139CLL Datasheet HTML 6Page - Vishay Siliconix 139CLL Datasheet HTML 7Page - Vishay Siliconix 139CLL Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
139 CLL
www.vishay.com
Vishay BCcomponents
Not for New Designs
Revision: 29-Sep-16
5
Document Number: 28301
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Table 4
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
L x W x H
(mm)
IR
100 Hz
105 °C
(mA)
IL5
5 min
(μA)
tan
100 Hz
Z
10 kHz
(
)
ORDERING CODE
MAL2139.......
6.3
100
14.3 x 6.2 x 6.9
79
4.3
0.24
3.0
63101E3
220
14.3 x 7.6 x 8.2
120
5.8
0.24
1.4
63221E3
10
68
14.3 x 6.2 x 6.9
71
4.4
0.20
2.9
64689E3
150
14.3 x 7.6 x 8.2
110
6.0
0.20
1.3
64151E3
16
47
14.3 x 6.2 x 6.9
66
4.5
0.16
3.4
65479E3
100
14.3 x 7.6 x 8.2
100
6.2
0.16
1.6
65101E3
25
10
14.3 x 6.2 x 6.9
40
3.5
0.09
12
66109E3
22
14.3 x 6.2 x 6.9
48
4.1
0.14
5.5
66229E3
47
14.3 x 7.6 x 8.2
79
5.4
0.14
2.6
66479E3
40
15
14.3 x 6.2 x 6.9
45
4.2
0.11
6
67159E3
33
14.3 x 7.6 x 8.2
75
5.6
0.11
2.7
67339E3
50
10
14.3 x 6.2 x 6.9
40
4.0
0.09
7
61109E3
15
14.3 x 7.6 x 8.2
56
4.5
0.09
4.7
61159E3
22
14.3 x 7.6 x 8.2
67
5.2
0.09
3.2
61229E3
63
2.2
14.3 x 6.2 x 6.9
19
3.3
0.09
25
68228E3
3.3
14.3 x 6.2 x 6.9
23
3.4
0.09
21
68338E3
4.7
14.3 x 6.2 x 6.9
28
3.6
0.09
17
68478E3
10
14.3 x 7.6 x 8.2
48
4.3
0.08
8
68109E3
100
1.0
14.3 x 6.2 x 6.9
12
3.2
0.09
55
69108E3
2.2
14.3 x 6.2 x 6.9
19
3.4
0.09
29
69228E3
3.3
14.3 x 7.6 x 8.2
27
3.7
0.08
17
69338E3
4.7
14.3 x 7.6 x 8.2
33
3.9
0.08
11
69478E3
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage for short periods
Us  1.15 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 min at UR
IL1  0.02 CR x UR + 3 μA
After 5 min at UR
IL5  0.002 CR x UR + 3 μA
Inductance
Equivalent series inductance (ESL)
Nominal case size 14.3 mm x 6.2 mm x 6.9 mm
Typ. 18 nH
Nominal case size 14.3 mm x 7.6 mm x 8.2 mm
Typ. 28 nH
Resistance
Equivalent series resistance (ESR)
Calculated from tan
max. and CR (see Table 4)
ESR = tan
/2 fC
R



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com