Electronic Components Datasheet Search
  English  ▼

X  

EL2260CS Datasheet(PDF) 12 Page - Intersil Corporation

Part # EL2260CS
Description  Dual/Quad 130MHz Current Feedback Amplifiers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2260CS Datasheet(HTML) 12 Page - Intersil Corporation

Back Button EL2260CS Datasheet HTML 7Page - Intersil Corporation EL2260CS Datasheet HTML 8Page - Intersil Corporation EL2260CS Datasheet HTML 9Page - Intersil Corporation EL2260CS Datasheet HTML 10Page - Intersil Corporation EL2260CS Datasheet HTML 11Page - Intersil Corporation EL2260CS Datasheet HTML 12Page - Intersil Corporation EL2260CS Datasheet HTML 13Page - Intersil Corporation EL2260CS Datasheet HTML 14Page - Intersil Corporation EL2260CS Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
DC bias the inputs at an appropriate common mode voltage
and AC couple the signal, or 2) ensure the driving signal is
within the common mode range of the EL2260/EL2460.
Settling Characteristics
The EL2260/EL2460 offer superb settling characteristics to
0.1%, typically in the 35ns to 40ns range. There are no
aberrations created from the input stage which often cause
longer settling times in other current feedback amplifiers.
The EL2260/EL2460 are not slew rate limited, therefore any
size step up to ±10V gives approximately the same settling
time.
As can be seen from the Long Term Settling Error curve, for
AV = +1, there is approximately a 0.035% residual which
tails away to 0.01% in about 40µs. This is a thermal settling
error caused by a power dissipation differential (before and
after the voltage step). For AV = -1, due to the inverting
mode configuration, this tail does not appear since the input
stage does not experience the large voltage change as in the
non-inverting mode. With AV = -1, 0.01% settling time is
slightly greater than 100ns.
Power Dissipation
The EL2260/EL2460 amplifiers combine both high speed
and large output current drive capability at a moderate
supply current in very small packages. It is possible to
exceed the maximum junction temperature allowed under
certain supply voltage, temperature, and loading conditions.
To ensure that the EL2260/EL2460 remain within their
absolute maximum ratings, the following discussion will help
to avoid exceeding the maximum junction temperature.
The maximum power dissipation allowed in a package is
determined by its thermal resistance and the amount of
temperature rise according to:
The maximum power dissipation actually produced by an IC
is the total quiescent supply current times the total power
supply voltage plus the power in the IC due to the load, or
where N is the number of amplifiers per package, and IS is
the current per amplifier. (To be more accurate, the
quiescent supply current flowing in the output driver
transistor should be subtracted from the first term because,
under loading and due to the class AB nature of the output
stage, the output driver current is now included in the second
term.)
In general, an amplifier’s AC performance degrades at
higher operating temperature and lower supply current.
Unlike some amplifiers, such as the LT1229 and LT1230, the
EL2260/EL2460 maintain almost constant supply current
over temperature so that AC performance is not degraded as
much over the entire operating temperature range. Of
course, this increase in performance doesn’t come for free.
Since the current has increased, supply voltages must be
limited so that maximum power ratings are not exceeded.
Each amplifier in the EL2260/EL2460 consume typically
7.5mA and maximum 10.0mA. The worst case power in an
IC occurs when the output voltage is at half supply, if it can
go that far, or its maximum value if it cannot reach
half supply. If we assume that the EL2260/EL2460 is used
for double terminated video cable driving applications
(RL = 150Ω), and the gain = +2, then the maximum output
voltage is 2V, and the average output voltage is 1.4V. If we
set the two PDmax equations equal to each other, and solve
for VS, we can get a family of curves for various packages
and conditions according to:
The following curve shows supply voltage (±VS) vs.
temperature for the various packages assuming AV =+ 2,
RL = 150, and VOUT peak = 2V. The curves include worst
case conditions (IS = 10mA and all amplifiers operating at
VOUT peak = 2V).
The curves do not include heat removal or forcing air, or the
simple fact that the package will probably be attached to a
circuit board, which can also provide some form of heat
removal. Larger temperature and voltage ranges are
possible with heat removal and forcing air past the part.
Current Limit
The EL2260/EL2460 have internal current limits that protect
the circuit in the event of the output being shorted to ground.
This limit is set at 100mA nominally and reduces with
junction temperature. At a junction temperature of 150°C, the
current limits at about 65mA. If any one output is shorted to
ground, the power dissipation could be well over 1W, and
much greater if all outputs are shorted. Heat removal is
P
DMAX
T
JMAX
T
AMAX
–
θ
JA
---------------------------------------------
=
P
DMAX
N2
V
S
I
S
V
S
V
OUT
–
()
V
OUT
R
L
----------------
×
+
×
×



×
=
V
S
R
L
T
JMAX
T
AMAX
–
()
×
N
θ
JA
×
---------------------------------------------------------------
V
OUT
()
+
2I
S
R
L
×
×
() V
OUT
+
-------------------------------------------------------------------------------------------
=
Supply Voltage vs Ambient Temperature
for All Packages of EL2260/EL2460
EL2260, EL2460



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com