Electronic Components Datasheet Search
  English  ▼

X  

146RTI Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 146RTI
Description  Aluminum Electrolytic Capacitors Radial, High Temperature, Low Impedance
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

146RTI Datasheet(HTML) 3 Page - Vishay Siliconix

  146RTI Datasheet HTML 1Page - Vishay Siliconix 146RTI Datasheet HTML 2Page - Vishay Siliconix 146RTI Datasheet HTML 3Page - Vishay Siliconix 146RTI Datasheet HTML 4Page - Vishay Siliconix 146RTI Datasheet HTML 5Page - Vishay Siliconix 146RTI Datasheet HTML 6Page - Vishay Siliconix 146RTI Datasheet HTML 7Page - Vishay Siliconix 146RTI Datasheet HTML 8Page - Vishay Siliconix 146RTI Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
146 RTI
www.vishay.com
Vishay BCcomponents
Revision: 14-Feb-17
3
Document Number: 28401
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %
ORDERING EXAMPLE
Electrolytic capacitor 146 RTI series
470 μF / 25 V; ± 20 %
Nominal case size: Ø 10 mm x 16 mm; Form TFA
Ordering code: MAL214636471E3
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 kHz, 125 °C
IL2
Max. leakage current after 2 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
125 °C
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
100 kHz
+20 °C
(
)
Z
100 kHz
-40 °C
(
)
ORDERING CODE
MAL2146.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA
16
470
10 x 12
620
78
0.16
0.120
0.750
55471E3
65471E3
35471E3
680
10 x 16
1100
112
0.16
0.075
0.450
55681E3
65681E3
35681E3
1000
10 x 20
1250
163
0.16
0.060
0.360
55102E3
65102E3
35102E3
1500
12.5 x 20
1600
243
0.16
0.043
0.258
55152E3
65152E3
35152E3
2200
12.5 x 25
2000
355
0.18
0.033
0.198
55222E3
65222E3
35222E3
2700
16 x 20
1900
435
0.18
0.034
0.204
55272E3
65272E3
35272E3
3300
18 x 20
2000
531
0.20
0.033
0.198
55332E3
65332E3
35332E3
3900
16 x 25
2500
627
0.20
0.024
0.144
55392E3
65392E3
35392E3
4700
18 x 25
2800
755
0.22
0.025
0.150
55472E3
65472E3
35472E3
4700
16 x 31
3000
755
0.22
0.021
0.126
95475E3
95476E3
95473E3
5600
16 x 35
3200
899
0.24
0.018
0.108
55562E3
65562E3
-
6800
18 x 31
3100
1091
0.24
0.022
0.132
55682E3
65682E3
35682E3
25
330
10 x 12
620
85
0.14
0.120
0.750
56331E3
66331E3
36331E3
470
10 x 16
1100
121
0.14
0.075
0.450
56471E3
66471E3
36471E3
680
10 x 20
1250
173
0.14
0.060
0.360
56681E3
66681E3
36681E3
1000
12.5 x 20
1600
253
0.14
0.043
0.258
56102E3
66102E3
36102E3
1500
12.5 x 25
2000
378
0.14
0.033
0.198
56152E3
66152E3
36152E3
1800
16 x 20
1900
453
0.14
0.034
0.204
56182E3
66182E3
36182E3
2700
18 x 20
2000
678
0.16
0.033
0.198
56272E3
66272E3
36272E3
2700
16 x 25
2500
678
0.16
0.024
0.144
96275E3
96276E3
96273E3
3300
16 x 31
3000
828
0.18
0.021
0.126
56332E3
66332E3
36332E3
3900
18 x 25
2800
978
0.18
0.025
0.150
56392E3
66392E3
36392E3
4700
16 x 35
3200
1178
0.20
0.018
0.108
56472E3
66472E3
-
4700
18 x 31
3100
1178
0.20
0.022
0.132
96475E3
96476E3
96473E3
5600
18 x 35
3100
1403
0.22
0.019
0.114
56562E3
66562E3
-
35
220
10 x 12
620
80
0.12
0.120
0.750
50221E3
60221E3
30221E3
330
10 x 16
1100
119
0.12
0.075
0.450
50331E3
60331E3
30331E3
470
10 x 20
1250
168
0.12
0.060
0.360
50471E3
60471E3
30471E3
680
12.5 x 20
1600
241
0.12
0.043
0.258
50681E3
60681E3
30681E3
1000
12.5 x 25
2000
353
0.12
0.033
0.198
50102E3
60102E3
30102E3
1200
16 x 20
1900
423
0.12
0.034
0.204
50122E3
60122E3
30122E3
1500
18 x 20
2000
528
0.12
0.033
0.198
50152E3
60152E3
30152E3
1800
16 x 25
2500
633
0.12
0.024
0.144
50182E3
60182E3
30182E3
2200
18 x 25
2800
773
0.14
0.025
0.150
50222E3
60222E3
30222E3
2200
16 x 31
3000
773
0.14
0.021
0.126
90225E3
90226E3
90223E3
2700
16 x 35
3200
948
0.14
0.018
0.108
50272E3
60272E3
-
2700
18 x 31
3100
948
0.14
0.022
0.132
90275E3
90276E3
90273E3
3300
18 x 35
3100
1158
0.16
0.019
0.114
50332E3
60332E3
-



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com