Electronic Components Datasheet Search
  English  ▼

X  

148RUS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 148RUS
Description  Aluminum Electrolytic Capacitors Radial, Ultra High CV per Volume, Semi-Professional
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

148RUS Datasheet(HTML) 4 Page - Vishay Siliconix

  148RUS Datasheet HTML 1Page - Vishay Siliconix 148RUS Datasheet HTML 2Page - Vishay Siliconix 148RUS Datasheet HTML 3Page - Vishay Siliconix 148RUS Datasheet HTML 4Page - Vishay Siliconix 148RUS Datasheet HTML 5Page - Vishay Siliconix 148RUS Datasheet HTML 6Page - Vishay Siliconix 148RUS Datasheet HTML 7Page - Vishay Siliconix 148RUS Datasheet HTML 8Page - Vishay Siliconix 148RUS Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
148 RUS
www.vishay.com
Vishay BCcomponents
Revision: 28-Feb-17
4
Document Number: 28315
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35
330
10 x 12
350
116
0.14
0.270
3.30
MF2
50331E3
60331E3
30331E3
470
10 x 16
480
165
0.14
0.190
2.10
MF2
50471E3
60471E3
30471E3
680
10 x 20
580
238
0.14
0.140
1.60
MF2
50681E3
60681E3
30681E3
1000
12.5 x 20
810
350
0.14
0.100
0.70
MF2
50102E3
60102E3
30102E3
1500
12.5 x 25
950
525
0.14
0.070
0.50
MF2
50152E3
60152E3
30152E3
1500
16 x 20
970
525
0.14
0.063
0.30
MF2
90155E3
90156E3
90153E3
2200
16 x 25
1270
770
0.16
0.045
0.25
MF2
50222E3
60222E3
30222E3
3300
16 x 31
1620
1155
0.18
0.037
0.20
MF2
50332E3
60332E3
30332E3
4700
18 x 35
1930
1645
0.20
0.033
0.20
MF2
50472E3
60472E3
-
50
220
10 x 12
330
110
0.12
0.280
3.40
MF3
51221E3
61221E3
31221E3
330
10 x 16
420
165
0.12
0.200
2.20
MF3
51331E3
61331E3
31331E3
470
10 x 20
530
235
0.12
0.140
1.60
MF3
51471E3
61471E3
31471E3
680
12.5 x 20
720
340
0.12
0.100
0.70
MF3
51681E3
61681E3
31681E3
1000
12.5 x 25
950
500
0.12
0.070
0.50
MF3
51102E3
61102E3
31102E3
1000
16 x 20
880
500
0.12
0.068
0.35
MF3
91105E3
91106E3
91103E3
1500
16 x 25
1180
750
0.12
0.047
0.30
MF3
51152E3
61152E3
31152E3
2200
16 x 31
1520
1100
0.14
0.039
0.20
MF3
51222E3
61222E3
31222E3
3300
18 x 35
1810
1650
0.16
0.035
0.20
MF3
51332E3
61332E3
-
63
100
10 x 12
230
63
0.10
0.320
3.90
MF3
58101E3
68101E3
38101E3
220
10 x 16
350
139
0.10
0.240
2.70
MF3
58221E3
68221E3
38221E3
330
12.5 x 20
540
208
0.10
0.130
0.90
MF3
58331E3
68331E3
38331E3
470
12.5 x 20
540
296
0.10
0.130
0.90
MF3
58471E3
68471E3
38471E3
680
12.5 x 25
760
428
0.10
0.085
0.65
MF3
58681E3
68681E3
38681E3
680
16 x 20
820
428
0.10
0.070
0.50
MF3
98685E3
98686E3
98683E3
1000
16 x 25
980
630
0.10
0.049
0.25
MF3
58102E3
68102E3
38102E3
1500
16 x 31
1390
945
0.10
0.042
0.20
MF3
58152E3
68152E3
38152E3
2200
18 x 35
1670
1386
0.12
0.038
0.20
MF3
58222E3
68222E3
-
100
47
10 x 12
165
47
0.08
0.640
19.20
MF3
59479E3
69479E3
39479E3
68
10 x 16
190
68
0.08
0.580
17.40
MF3
59689E3
69689E3
39689E3
100
10 x 20
260
100
0.08
0.380
11.40
MF3
59101E3
69101E3
39101E3
150
12.5 x 20
360
150
0.08
0.260
7.80
MF3
59151E3
69151E3
39151E3
220
12.5 x 25
440
220
0.08
0.170
5.10
MF3
59221E3
69221E3
39221E3
220
16 x 20
590
220
0.08
0.140
4.20
MF3
99225E3
99226E3
99223E3
330
16 x 25
630
330
0.08
0.120
3.60
MF3
59331E3
69331E3
39331E3
470
16 x 31
750
470
0.08
0.100
3.00
MF3
59471E3
69471E3
39471E3
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 Hz
105 °C
(mA)
IL2
2 min
(μA)
tan

100 Hz
Z
100 kHz
20 °C
(
)
Z
100 kHz
-40 °C
(
)
FREQ.
CODE (1)
ORDERING CODE
MAL2148.......
BULK PACKAGING
TAPED
FORM CA
FORM CB
FORM TFA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com