Electronic Components Datasheet Search
  English  ▼

X  

ALE2045T3 Datasheet(PDF) 3 Page - Advanced Semiconductor Business Inc.

Part # ALE2045T3
Description  Internally Matched LNA Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ALE2045T3 Datasheet(HTML) 3 Page - Advanced Semiconductor Business Inc.

  ALE2045T3 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ALE2045T3 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ALE2045T3 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ALE2045T3 Datasheet HTML 4Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
www.asb.co.kr
September 2017
plerowTM ALE2045T3
Internally Matched LNA Module
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at room temperature.
1. S-parameter
2. OIP3, P1dB & NF
Note: tested at Vs= 5V.
1920 MHz
2045 MHz
2170 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
4.50 V
26.37
-19.10
-24.41
25.69
1.29
-19.83
-22.65
25.08
-20.02
-20.70
4.75 V
26.38
-19.68
-25.65
25.72
1.28
-20.38
-23.80
25.10
-20.69
-21.64
5.00 V
26.40
-20.06
-26.77
25.73
1.28
-20.85
-25.15
25.12
-21.38
-22.65
5.25 V
26.41
-20.45
-28.21
25.73
1.29
-21.43
-26.95
25.12
-22.12
-23.96
5.50 V
26.38
-20.99
-29.45
25.72
1.27
-21.94
-29.18
25.11
-22.97
-25.25
1920 MHz
2045 MHz
2170 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
4.50 V
38.73
21.20
0.573
38.61
21.42
0.589
38.31
21.44
0.625
4.75 V
39.92
21.72
0.581
39.77
21.94
0.629
39.59
21.97
0.652
5.00 V
40.86
22.20
0.601
41.09
22.44
0.642
40.66
22.46
0.696
5.25 V
41.29
22.66
0.623
41.42
22.96
0.667
41.21
22.91
0.734
5.50 V
41.39
23.08
0.658
41.66
23.38
0.704
41.91
23.36
0.774
1920 MHz
2045 MHz
2170 MHz
S21 (dB)
S11 (dB)
S22 (dB)
S21 (dB)
G/F (dB)
S11 (dB)
S22 (dB)
S21 (dB)
S11 (dB)
S22 (dB)
-45
C
27.16
-19.54
-24.10
26.57
1.12
-20.05
-34.54
26.04
-21.61
-37.39
-10
C
27.01
-19.65
-27.46
26.42
1.16
-20.77
-30.47
25.85
-21.27
-27.05
25
C
26.53
-19.87
-28.40
25.96
1.16
-20.83
-26.45
25.37
-21.05
-24.08
60
C
26.48
-20.10
-26.71
25.89
1.19
-20.90
-23.41
25.29
-20.84
-21.89
85
C
26.25
-20.11
-25.06
25.63
1.21
-20.73
-21.77
25.04
-20.99
-20.85
1920 MHz
2045 MHz
2170 MHz
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
OIP3 (dBm)
P1dB (dBm)
NF (dB)
-45
C
39.76
22.33
0.267
40.37
22.66
0.291
40.48
22.73
0.318
-10
C
40.33
22.21
0.438
40.51
22.57
0.464
40.54
22.63
0.499
25
C
40.72
22.19
0.604
40.86
22.52
0.626
40.97
22.59
0.633
60
C
40.80
22.02
0.735
40.95
22.35
0.761
41.19
22.52
0.788
85
C
41.15
21.95
0.923
41.02
22.29
0.949
41.93
22.49
0.975
RF Performance with Operating Temperature
RF Performance with Voltage Change



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com