Electronic Components Datasheet Search
  English  ▼

X  

ECCBRABS2 Datasheet(PDF) 2 Page - E-CMOS Corporation

Part # ECCBRABS2
Description  1.0A Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers-200-1000V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECCBRABS2 Datasheet(HTML) 2 Page - E-CMOS Corporation

  ECCBRABS2 Datasheet HTML 1Page - E-CMOS Corporation ECCBRABS2 Datasheet HTML 2Page - E-CMOS Corporation ECCBRABS2 Datasheet HTML 3Page - E-CMOS Corporation ECCBRABS2 Datasheet HTML 4Page - E-CMOS Corporation ECCBRABS2 Datasheet HTML 5Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 2 of 5
5A15N-Rev. F001
ECCBRABS2-ECC
BRABS10
1.0A Miniature Glass Passivated
Single-Phase Surface Mount
Bridge Rectifiers-200-1000V
*1
Repetitive peak reverse voltage
*2
RMS voltage
*3
Continuous reverse voltage
*4
Maximum forward voltage @IF=0.4A
Rating and characteristic curves (ECCBRABS2~ECCBRABS10)
Part No
VRRM*1
(V)
VRRM*2
(V)
VRRM*3
(V)
VRRM*4
(V)
Operating
temperature
TJ,(℃)
ECCBRABS2
200
140
200
ECCBRABS4
400
280
400
ECCBRABS6
600
420
600
ECCBRABS8
800
560
800
ECCBRABS10
1000
700
1000
0.95
-55℃~+150℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com