Electronic Components Datasheet Search
  English  ▼

X  

013RLC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 013RLC
Description  Aluminum Electrolytic Capacitors Radial Low Leakage Current
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

013RLC Datasheet(HTML) 3 Page - Vishay Siliconix

  013RLC Datasheet HTML 1Page - Vishay Siliconix 013RLC Datasheet HTML 2Page - Vishay Siliconix 013RLC Datasheet HTML 3Page - Vishay Siliconix 013RLC Datasheet HTML 4Page - Vishay Siliconix 013RLC Datasheet HTML 5Page - Vishay Siliconix 013RLC Datasheet HTML 6Page - Vishay Siliconix 013RLC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
013 RLC
www.vishay.com
Vishay BCcomponents
Revision: 15-Jul-16
3
Document Number: 28313
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 1 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 013 series
100 μF / 16 V; ± 20 %
Nominal case size: Ø 8.2 mm x 11 mm; Form TFA
Ordering Code: MAL201335101E3
Former 12NC: 2222 013 35101
Table 1
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 Hz, 85 °C
IL2
Max. leakage current after 2 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 10 kHz and + 20 °C
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE
SIZE
Ø D x L
(mm)
IR
100 Hz
85 °C
(mA)
IL2
2 min
(μA)
tan
100 Hz
Z
10 kHz
(
)
ORDERING CODE MAL2013.......
BULK PACKAGING
TAPED AMMOPACK
LONG LEADS
CUT LEADS
FORM
CA
F
(mm)
FORM
CB
F
(mm)
FORM
TFA
F
(mm)
FORM
TNA
F
(mm)
6.3
330
8.2 x 11
210
4.2
0.2
0.9
53331E3
5.0
63331E3
5.0
33331E3
5.0
-
-
470
8.2 x 11
250
5.9
0.2
0.64
53471E3
5.0
63471E3
5.0
33471E3
5.0
-
-
10
47
5 x 11
75
1.0
0.16
2.8
54479E3
2.5
-
-
34479E3
5.0
74479E3
2.5
68
5 x 11
90
1.4
0.16
2.5
54689E3
2.5
-
-
34689E3
5.0
74689E3
2.5
100
5 x 11
110
2.0
0.16
1.7
54101E3
2.5
-
-
34101E3
5.0
74101E3
2.5
220
8.2 x 11
190
4.4
0.16
0.9
54221E3
5.0
64221E3
5.0
34221E3
5.0
-
-
16
33
5 x 11
70
1.1
0.13
2.8
55339E3
2.5
-
-
35339E3
5.0
75339E3
2.5
47
5 x 11
85
1.5
0.13
2.1
55479E3
2.5
-
-
35479E3
5.0
75479E3
2.5
100
8.2 x 11
150
3.2
0.13
1.0
55101E3
5.0
65101E3
5.0
35101E3
5.0
-
-
25
2.2
5 x 11
10
0.7
0.06
18
56228E3
2.5
-
-
36228E3
5.0
76228E3
2.5
3.3
5 x 11
18
0.7
0.06
12
56338E3
2.5
-
-
36338E3
5.0
76338E3
2.5
4.7
5 x 11
25
0.7
0.06
8.5
56478E3
2.5
-
-
36478E3
5.0
76478E3
2.5
10
5 x 11
50
0.7
0.06
4.0
56109E3
2.5
-
-
36109E3
5.0
76109E3
2.5
22
5 x 11
75
1.1
0.08
2.7
56229E3
2.5
-
-
36229E3
5.0
76229E3
2.5
47
8.2 x 11
130
2.4
0.08
1.3
56479E3
5.0
66479E3
5.0
36479E3
5.0
-
-
35
33
5 x 11
70
3.3
0.13
2.8
50339E3
2.5
-
-
30339E3
5.0
70339E3
2.5
100
8.2 x 11
150
8.0
0.13
1.0
50101E3
5.0
60101E3
5.0
30101E3
5.0
-
-
50
2.2
5 x 11
20
1.2
0.06
18
51228E3
2.5
-
-
31228E3
5.0
71228E3
2.5
3.3
5 x 11
32
1.3
0.06
12
51338E3
2.5
-
-
31338E3
5.0
71338E3
2.5
4.7
5 x 11
38
1.5
0.06
8.5
51478E3
2.5
-
-
31478E3
5.0
71478E3
2.5
10
5 x 11
55
2.0
0.06
4.0
51109E3
2.5
-
-
31109E3
5.0
71109E3
2.5
22
5 x 11
75
3.2
0.08
2.7
51229E3
2.5
-
-
31229E3
5.0
71229E3
2.5
33
8.2 x 11
110
4.3
0.06
1.4
51339E3
5.0
61339E3
5.0
31339E3
5.0
-
-
47
8.2 x 11
130
5.7
0.08
1.3
51479E3
5.0
61479E3
5.0
31479E3
5.0
-
-
68
8.2 x 11
150
7.8
0.08
1.2
51689E3
5.0
61689E3
5.0
31689E3
5.0
-
-



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com