Electronic Components Datasheet Search
  English  ▼

X  

021ASM Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 021ASM
Description  Aluminum Electrolytic Capacitors Axial Standard Miniature
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

021ASM Datasheet(HTML) 6 Page - Vishay Siliconix

  021ASM_16 Datasheet HTML 1Page - Vishay Siliconix 021ASM_16 Datasheet HTML 2Page - Vishay Siliconix 021ASM_16 Datasheet HTML 3Page - Vishay Siliconix 021ASM_16 Datasheet HTML 4Page - Vishay Siliconix 021ASM_16 Datasheet HTML 5Page - Vishay Siliconix 021ASM_16 Datasheet HTML 6Page - Vishay Siliconix 021ASM_16 Datasheet HTML 7Page - Vishay Siliconix 021ASM_16 Datasheet HTML 8Page - Vishay Siliconix 021ASM_16 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
021 ASM
www.vishay.com
Vishay BCcomponents
Revision: 16-Sep-16
6
Document Number: 28325
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RIPPLE CURRENT AND USEFUL LIFE
Table 4
Note
• Multiplier of useful life code: CCC205
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
AXIAL
MOUNTING RING
Voltage
Surge voltage
Us  1.15 x UR
Reverse voltage
Urev  1 V
Current
Leakage current
After 1 min at UR
IL1  0.006 CR x UR + 4 μA
After 5 min at UR
IL5  0.002 CR x UR + 4 μA
Inductance
Equivalent series inductance (ESL)
Case Ø D x L mm:
4.5 x 10
Typ. 10 nH
-
6 x 10
Typ. 22 nH
-
8 x 11
Typ. 85 nH
-
6.5 x 18
Typ. 25 nH
-
8 x 18
Typ. 40 nH
-
10 x 18
Typ. 61 nH
-
10 x 25
Typ. 38 nH
-
10 x 30
Typ. 38 nH
-
12.5 x 30
Typ. 46 nH
-
15 x 30
Typ. 48 nH
Typ. 39 nH
18 x 30
Typ. 50 nH
Typ. 39 nH
18 x 38
Typ. 54 nH
Typ. 39 nH
21 x 38
Typ. 59 nH
Typ. 39 nH
ENDURANCE TEST DURATION AND USEFUL LIFE
LIFE CODE
ENDURANCE
AT 85 °C (h)
ENDURANCE
AT 105 °C (h)
USEFUL LIFE
AT 85 °C (h)
L1
1000
-
2500
L2
2000
-
2500
L3
5000
2000
8000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com