Electronic Components Datasheet Search
  English  ▼

X  

097RLP7 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 097RLP7
Description  Aluminum Electrolytic Capacitors Radial Low Profile, 7 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

097RLP7 Datasheet(HTML) 4 Page - Vishay Siliconix

  097RLP7 Datasheet HTML 1Page - Vishay Siliconix 097RLP7 Datasheet HTML 2Page - Vishay Siliconix 097RLP7 Datasheet HTML 3Page - Vishay Siliconix 097RLP7 Datasheet HTML 4Page - Vishay Siliconix 097RLP7 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
097 RLP 7
www.vishay.com
Vishay BCcomponents
Revision: 14-Feb-17
4
Document Number: 28308
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Multiplier of useful life as a function of ambient temperature and ripple current load
Table 4
Table 5
Statements about product lifetime are based on calculations and internal testing. They should only be interpreted as estimations. Also due to external factors, the
lifetime in the field application may deviate from the calculated lifetime. In general, nothing stated herein shall be construed as a guarantee of durability.
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
50
120
400
800
 2000
IR MULTIPLIER
0.60
1.00
1.20
1.30
1.40
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Endurance
IEC 60384-4 /
EN 130300,
subclause 4.13
Tamb = 85 °C, UR applied;
1000 h
C/C: ± 20 %
tan
 2 x spec. limit
IL2  spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb = 85 °C, UR and IR applied;
1500 h
C/C: ± 50 %
tan
 3 x spec. limit
Z
 3 x spec. limit
IL2  spec. limit
no short or open circuit
total failure percentage:
3 %
Shelf life
(storage at high
temperature)
IEC 60384-4 /
EN 130300,
subclause 4.17
Tamb = 85 °C; no voltage applied;
500 h
After test: UR to be applied for 30 min,
24 h to 48 h before measurement
C/C, tan , Z:
For requirements see
“Endurance test” above
IL2  spec. limit
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
T
amb (°C)
Lifetime multiplier
(1)
IA
IR
I
A = Actual ripple current at 120 Hz
I
R = Rated ripple current at 120 Hz, 85 °C
(1) Useful life at 85 °C and I
R applied: 1500 h
CCC205



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com